Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 274 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 274 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 278Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 332 page
background image
256
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
14.3
DC Characteristics
The DC characteristics of the AMD-K6-2E processor are shown
in Table 51.
Table 51. DC Characteristics
Symbol
Parameter Description
Min
Max
Comments
VIL
Input Low Voltage
–0.3 V
+0.8 V
VIH
1
Input High Voltage
2.0 V
VCC3+0.3 V
VOL
Output Low Voltage
0.4 V
IOL = 4.0-mA load
VOH
Output High Voltage
2.4 V
IOH = 3.0-mA load
ICC2
Low Power
1.9 V Power Supply Current2
4.75 A
233 MHz2,3
5.35 A
266 MHz2,3
5.50 A
300 MHz2,3,5
5.65 A
333 MHz2,3,4
6.25 A
350 MHz2,5
ICC2
Standard
Power
2.2 V Power Supply Current6
6.50 A
233 MHz3,6
7.35 A
266 MHz3,6
8.45 A
300 MHz3,5,6
9.40 A
333 MHz3,4,6
9.85 A
350 MHz5,6
10.00 A
400 MHz3,5,6
ICC3
Standard
and
Low Power
3.3 V Power Supply Current7
0.52 A
233 MHz3,7
0.54 A
266 MHz3,7
0.56 A
300 MHz3,5,7
0.58 A
333 MHz3,4,7
0.60 A
350 MHz5,7
0.62 A
400 MHz3,5,7
ILI
8
Input Leakage Current
–15 mA
ILO
8
Output Leakage Current
–15 mA
IIL
9
Input Leakage Current Bias with Pullup
–400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com