Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 278 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 278 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 281Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 282Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 332 page
background image
260
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
14.5
Power Derating Based on Lower CPU Frequencies
This section provides standard- and low-power product
specification power derating based on lower CPU frequencies.
Note: The 166-MHz and 200-MHz data provided in Table 54 and
Table 55 was derived from the standard- and low-power
AMD-K6-2E/233AFR (and AMZ) and AMD-K6-2E/266AFR
(and AMZ) products and is solely for informational
purposes.
The
guaranteed
electrical
and
thermal
specification data for the AMD-K6-2E/233AFR (and AMZ)
and AMD-K6-2E/266AFR (and AMZ) is also included here
for convenience. The derating data may be of interest to
customers who want to use AMD’s standard- or low-power
devices at lower CPU frequencies. AMD does not guarantee
the 166-MHz and 200-MHz CPU frequency derating data
and does not provide devices with these lower CPU
frequencies. Only devices listed in Table 73, “Valid Ordering
Part Number Combinations,” on page 306 are available.
Table 54. Power Derating Specification for Standard-Power Devices (AMD-K6-2E/233AFR and 266AFR)
Clock Control State
166.7 MHz1
Notes:
1. This specification applies to components using a clock and bus frequency of 66 MHz.
200.0 MHz1
233.3 MHz1
266.7 MHz1
Maximum ICC2 (core)
VCC2 = 2.2 V ± 100 mV
2
2. The maximum ICC2 specification is taken at VCC2 = 2.3 V. (The maximum power supply current must be taken into account when
designing a power supply.)
5.31 A
6.00 A
6.50 A
7.35 A
Maximum ICC3 (I/O)
VCC3 = 3.3 V +300 mV, –165 mV
3
3. The maximum ICC3 specification is taken at VCC3 = 3.6 V. (The maximum power supply current must be taken into account when
designing a power supply.)
0.48 A
0.50 A
0.52 A
0.54 A
Thermal Power (Maximum)4
4. Maximum thermal power is determined for the worst-case instruction sequence or functions for the listed clock control states
with VCC2 = 2.2 V and VCC3 = 3.3 V.
11.10 W
12.50 W
13.50 W
14.70 W
Thermal Power (Typical)5
5. Typical thermal power is determined for the typical instruction sequence or functions associated with normal system operation
with VCC2 = 2.2 V and VCC3 = 3.3 V.
6.65 W
7.50 W
8.10 W
8.85 W
Clock Multiple
2.5x
3.0x
3.5x
4.0x
BF[2:0] Inputs
100b
101b
111b
010b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com