Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 279 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 279 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 277Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 281Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 282Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 283Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 332 page
background image
Chapter 14
Electrical Data
261
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 55. Power Derating Specification for Low-Power Devices (AMD-K6-2E/233AMZ and 266AMZ)
Clock Control State
166.7 MHz1
Notes:
1. This specification applies to components using a clock and bus frequency of 66 MHz.
200.0 MHz1
233.3 MHz1
266.7 MHz1
Maximum ICC2 (core)
VCC2 = 1.9 V ± 100 mV
2
2. The maximum ICC2 specification is taken at VCC2 = 2.0 V. (The maximum power supply current must be taken into account when
designing a power supply.)
3.79 A
4.37 A
4.75 A
5.35 A
Maximum ICC3 (I/O)
VCC3 = 3.3 V +300 mV, –165 mV
3
3. The maximum ICC3 specification is taken at VCC3 = 3.6 V. (The maximum power supply current must be taken into account when
designing a power supply.)
0.48 A
0.50 A
0.52 A
0.54 A
Thermal Power (Maximum)4
4. Maximum thermal power is determined for the worst-case instruction sequence or functions for the listed clock control states
with VCC2 = 1.9 V and VCC3 = 3.3 V.
7.07 W
8.10 W
9.00 W
10.00 W
Thermal Power (Typical)5
5. Typical thermal power is determined for the typical instruction sequence or functions associated with normal system operation
with VCC2 = 1.9 V and VCC3 = 3.3 V.
4.95 W
5.67 W
6.30 W
7.00 W
Clock Multiple
2.5x
3.0x
3.5x
4.0x
BF[2:0] Inputs
100b
101b
111b
010b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com