Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 120 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 116Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 117Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 119Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 121Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 122Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 332 page
background image
102
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.21
EWBE# (External Write Buffer Empty)
Pin Attribute
Input
Pin Location
W-03
Summary
The system logic can negate EWBE# to the processor to indicate
that its external write buffers are full and that additional data
cannot be stored at this time. This causes the processor to delay
the following activities until EWBE# is sampled asserted:
s
The commitment of write hit cycles to cache lines in the
modified state or exclusive state in the processor’s cache
s
The decode and execution of an instruction that follows a
currently-executing serializing instruction
s
The assertion or negation of SMIACT #
s
The entering of the Halt state and the Stop Grant state
Negating EWBE # does not prevent the completion of any type
of cycle that is currently in progress.
Sampled
The processor samples EWBE# on each clock edge that BRDY #
is sampled asserted during all memory write cycles (except
writeback cycles), I/O write cycles, and special bus cycles.
If EWBE# is sampled negated, it is sampled on every clock edge
until it is asserted, and then it is ignored until BRDY # is
sampled asserted in the next write cycle or special cycle.
If EFER[3] is 1, then EWBE# is ignored by the processor. For
more information on the EFER settings and EWBE#, see
“EWBE# Control” on page 205.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com