Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 117 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 113Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 114Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 115Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 116Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 117Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 119Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 332 page
background image
Chapter 5
Signal Descriptions
99
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.18
D[63:0] (Data Bus)
Pin Attribute
Bidirectional
Pin Location
See “Pin Designations by Functional Grouping” on page 301.
Summary
D[63:0] represent the processor’s 64-bit data bus. Each of the
eight bytes of data that comprise this bus is qualified as valid
by its corresponding byte enable. See “BE[7:0]# (Byte
Enables)” on page 92.
Driven, Sampled, and
Floated
As Outputs: For single-transfer write cycles, the processor drives
D[63:0] with valid data one clock edge after the clock edge on
which ADS # is asserted and D[63:0] remain in the same state
until the clock edge on which BRDY# is sampled asserted. If the
cycle is a writeback—in which case four, 8-byte transfers
occur —D[63:0] are driven one clock edge after the clock edge
on which ADS# is asserted and are subsequently changed off
the clock edge on which each BRDY# assertion of the burst
cycle is sampled.
If the assertion of ADS# represents a pipelined write cycle that
follows a read cycle, the processor does not drive D[63:0] until it
is certain that contention on the data bus will not occur. In this
case, D[63:0] are driven the clock edge after the last expected
BRDY# of the previous cycle is sampled asserted.
As Inputs: During read cycles, the processor samples D[63:0] on
the clock edge on which BRDY# is sampled asserted.
The processor always floats D[63:0] except when they are being
driven during a write cycle as described above. In addition,
D[63:0] are floated off the clock edge that BOFF # is sampled
asserted and off the clock edge that the processor asserts
HLDA in recognition of HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com