Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 124 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 120Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 121Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 122Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 128Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 332 page
background image
106
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.26
HLDA (Hold Acknowledge)
Pin Attribute
Output
Pin Location
AJ-03
Summary
When HOLD is sampled asserted, the processor completes the
current bus cycles, floats the processor bus, and asserts HLDA
in an acknowledgment that these events have been completed.
The processor does not assert HLDA until the completion of a
locked sequence of cycles. While HLDA is asserted, another bus
master can drive cycles on the bus, including inquire cycles to
the processor. The following signals are floated when HLDA is
asserted: A[31:3], ADS #, ADSC #, AP, BE[7:0]#, CACHE #,
D[63:0], D/C #, DP[7:0], LOCK #, M/IO #, PCD, PWT, SCYC, and
W/R#.
The processor is designed so that HLDA does not glitch.
Driven
HLDA is always driven except in the three-state test mode. If a
processor cycle is in progress while HOLD is sampled asserted,
HLDA is asserted one clock edge after the last BRDY # of the
cycle is sampled asserted. If the bus is idle, HLDA is asserted
one clock edge after HOLD is sampled asserted. HLDA is
negated one clock edge after the clock edge on which HOLD is
sampled negated.
The assertion of HLDA is independent of the sampled state of
BOFF#.
The processor floats the bus every clock in which HLDA is
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com