Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 126 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 122Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 332 page
background image
108
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.28
IGNNE# (Ignore Numeric Exception)
Pin Attribute
Input
Pin Location
AA-35
Summary
IGNNE#, in conjunction with the numeric error (NE) bit in CR0,
is used by the system logic to control the effect of an unmasked
floating-point exception on a previous floating-point instruction
during the execution of a floating-point instruction, MMX
instruction, 3DNow! instruction, or the WAIT instruction—
hereafter referred to as the target instruction.
If an unmasked floating-point exception is pending and the
target instruction is considered error-sensitive, then the
relationship between NE and IGNNE# is as follows:
s
If NE = 0, then:
•
If IGNNE# is sampled asserted, the processor ignores the
floating-point
exception
and
continues
with
the
execution of the target instruction.
•
If IGNNE# is sampled negated, the processor waits until
it samples IGNNE#, INTR, SMI#, NMI, or INIT asserted.
If IGNNE# is sampled asserted while waiting, the
processor ignores the floating-point exception and
continues with the execution of the target instruction.
If INTR, SMI#, NMI, or INIT is sampled asserted while
waiting,
the
processor
handles
its
assertion
appropriately.
s
If NE = 1, the processor invokes the INT 10h exception
handler.
If an unmasked floating-point exception is pending and the
target instruction is considered error-insensitive, then the
processor ignores the floating-point exception and continues
with the execution of the target instruction.
FERR # is not affected by the state of the NE bit or IGNNE #.
FERR # is always asserted at the instruction boundary of the
target instruction that follows the floating-point instruction
that caused the unmasked floating-point exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com