Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 130 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 132Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 133Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 332 page
background image
112
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.33
LOCK# (Bus Lock)
Pin Attribute
Output
Pin Location
AH-04
Summary
The processor asserts LOCK# during a sequence of bus cycles to
ensure that the cycles are completed without allowing other bus
masters to intervene. Locked operations consist of two to five
bus cycles. LOCK# is asserted during the following operations:
s
An interrupt acknowledge sequence
s
Descriptor Table accesses
s
Page Directory and Page Table accesses
s
XCHG instruction
s
An instruction with an allowable LOCK prefix
In order to ensure that locked operations appear on the bus and
are visible to the entire system, any data operands addressed
during a locked cycle that reside in the processor’s cache are
flushed and invalidated from the cache prior to the locked
operation. If the cache line is in the modified state, it is written
back and invalidated prior to the locked operation. Likewise,
any data read during a locked operation is not cached.
The processor is designed so that LOCK# does not glitch.
Driven and Floated
During a locked cycle, LOCK# is asserted off the same clock
edge on which ADS# is asserted and remains asserted until the
last BRDY# of the last bus cycle is sampled asserted. The
processor negates LOCK# for at least one clock between
consecutive sequences of locked operations to allow the system
logic to arbitrate for the bus.
LOCK# is floated off the clock edge on which BOFF# is sampled
asserted and off the clock edge on which the processor asserts
HLDA in response to HOLD. When LOCK# is floated due to
BOFF# sampled asserted, the system logic is responsible for
preservin g t h e lock cond ition w h ile LO CK # is in th e
high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com