Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 131 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 132Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 133Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 134Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 332 page
background image
Chapter 5
Signal Descriptions
113
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.34
M/IO# (Memory or I/O)
Pin Attribute
Output
Pin Location
T-04
Summary
The processor drives M/IO# during a bus cycle to indicate
whether it is addressing the memory or I/O space. If M/IO# = 1,
the processor is addressing memory or a memory-mapped I/O
port as the result of an instruction fetch or an instruction that
loads or stores data. If M/IO# = 0, the processor is addressing an
I/O port during the execution of an I/O instruction. In addition,
M/IO# is used to define other bus cycles, including interrupt
acknowledge and special cycles. See Table 23 on page 132 for
more details.
Driven and Floated
M/IO# is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA# or the last
expected BRDY# of the cycle is sampled asserted. M/IO# is
driven during memory cycles, I/O cycles, special bus cycles, and
interrupt acknowledge cycles.
M/IO# is floated off the clock edge on which BOFF# is sampled
asserted and off the clock edge on which the processor asserts
HLDA in response to HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com