Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 134 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 132Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 133Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 134Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 135Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 136Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 137Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 332 page
background image
116
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Driven and Floated
PCD is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA# or the last
expected BRDY# of the cycle is sampled asserted.
PCD is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD.
5.38
PCHK# (Parity Check)
Pin Attribute
Output
Pin Location
AF-04
Summary
The processor asserts PCHK# during read cycles if it detects an
even parity error on one or more valid bytes of D[63:0] during a
read cycle. (Even parity means that the total number of odd (1)
bits within each byte of data and its respective data parity bit is
even.) The processor checks data parity for the data bytes that
are valid, as defined by BE[7:0]#, the byte enables.
PCHK# is always driven but is only asserted for memory and I/O
read bus cy cle s and t h e s e cond cy cle o f an interr upt
acknowledge sequence. PCHK# is not driven during any type of
write cycles or special bus cycles. The processor does not take
an internal exception as the result of detecting a data parity
error, and system logic must respond appropriately to the
assertion of this signal.
The processor is designed so that PCHK# does not glitch,
enabling the signal to be used as a clocking source for system
logic.
Driven
PCHK# is always driven except in the three-state test mode. For
each BRDY# returned to the processor during a read cycle with
a parity error detected on the data bus, PCHK# is asserted for
one clock, one clock edge after BRDY# is sampled asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com