Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 32 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 28Page - Renesas Technology Corp RZ/T2L Datasheet HTML 29Page - Renesas Technology Corp RZ/T2L Datasheet HTML 30Page - Renesas Technology Corp RZ/T2L Datasheet HTML 31Page - Renesas Technology Corp RZ/T2L Datasheet HTML 32Page - Renesas Technology Corp RZ/T2L Datasheet HTML 33Page - Renesas Technology Corp RZ/T2L Datasheet HTML 34Page - Renesas Technology Corp RZ/T2L Datasheet HTML 35Page - Renesas Technology Corp RZ/T2L Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
Table 2.12
Thermal Resistance value (Reference)
Item
Symbol
Package
Max.
Unit
Thermal Resistance
Θja
196 pin, FBGA 12 × 12 mm, 0.8-mm pitch
25.4
°C/W
Ψjt
196 pin, FBGA 12 × 12 mm, 0.8-mm pitch
0.38
°C/W
Note:
Package thermal resistance values above are based on EIA/JESD51-9 (2s2p) condition and reference only.
2.5
AC Characteristics
Table 2.13
Operating frequency
Parameter
Symbol
Min.
Max.
Unit
Operating
frequency
CPU clock (CPU0CLK)
f
150
200
600
800
MHz
System clock (ICLK)
150
200
Peripheral module clock H (PCLKH)
150
200
Peripheral module clock M (PCLKM)
75
100
Peripheral module clock L (PCLKL)
37.5
50
Peripheral module clock for ADC (PCLKADC)
18.75
25
Peripheral module clock for SCIn (PCLKSCIn, n = 0 to 5)
75
100
Peripheral module clock for SPIn (PCLKSPIn, n = 0 to 3)
75
100
External bus clock output (CKIO)
18.75
100
Ethernet PHY reference clock (ETHn_REFCLK, n = 0 to 2)
25
Ethernet PHY reference clock (RMIIn_REFCLK, n = 0 to 2)
50
AC Characteristics are defined in condition of the IO setting (DRCTLm register setting) show in Table 2.14.
Table 2.14
IO setting (DRCTLm register setting) condition (1 of 2)
Module
Signal
IO type
Voltage
DRCTLm register
DRVn
SRn
SMTn
Bus
CKIO
SDRAM and High drive
—
3.3 V
High
Fast
—
Other than the above
—
3.3 V
Middle
Fast
—
Other than the above
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
DMAC, MTU3, IIC,
CANFD, DSMIF
All signals
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
GPT
(n = 0 to 17)
(m = 0, 1)
GTIOCnA, GTIOCnB
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
GTADSMLm, GTADSMPm
—
3.3 V
Low
Slow
Disable
SCI, SPI
All signals
—
3.3 V
High
Fast
Disable
xSPI
(n = 0, 1; m = 0, 1)
XSPIn_CKP, XSPI0_CKN, XSPIn_IO[7:0],
XSPIn_CSm#, XSPIn_DS
—
1.8 V*1
High
Fast
Disable
—
3.3 V
High
Fast
Enable
Other than the above
—
—
Low
Slow
Disable
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 32 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com