Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 16 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 12Page - Renesas Technology Corp RZ/T2L Datasheet HTML 13Page - Renesas Technology Corp RZ/T2L Datasheet HTML 14Page - Renesas Technology Corp RZ/T2L Datasheet HTML 15Page - Renesas Technology Corp RZ/T2L Datasheet HTML 16Page - Renesas Technology Corp RZ/T2L Datasheet HTML 17Page - Renesas Technology Corp RZ/T2L Datasheet HTML 18Page - Renesas Technology Corp RZ/T2L Datasheet HTML 19Page - Renesas Technology Corp RZ/T2L Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
Table 1.17
Pin functions (5 of 7)
Classification
Pin name
I/O
Description
Ethernet MAC (GMAC)
GMAC_PTPTRG0
Input
PTP timer trigger external input 0
GMAC_PTPTRG1
Input
PTP timer trigger external input 1
GMAC_PTPOUT0 to
GMAC_PTPOUT3
Output
PTP timer pulse output
GMAC_MDC
Output
Management data clock output pin
GMAC_MDIO
I/O
Management data I/O pin
EtherCAT slave controller
(ESC)
ESC_LEDRUN
Output
Outputs the EtherCAT RUN LED signal
ESC_IRQ
Output
Outputs the EtherCAT IRQ signal
ESC_LEDSTER
Output
Outputs the EtherCAT Dual-color state LED signal
ESC_LEDERR
Output
Outputs the EtherCAT error LED signal
ESC_LINKACT0 to ESC_LINKACT2
Output
Output the EtherCAT link/activity LED signal
ESC_SYNC0, ESC_SYNC1
Output
Output the EtherCAT SYNC signal
ESC_LATCH0, ESC_LATCH1
Input
Input the EtherCAT LATCH signal
ESC_RESETOUT#
Output
Output the EtherCAT reset signal
ESC_I2CCLK
Output
Outputs the EtherCAT EEPROM I2C clock signal
ESC_I2CDATA
I/O
Inputs and outputs the EtherCAT EEPROM I2C data
signal
ESC_PHYLINK0 to ESC_PHYLINK2
Input
Inputs the EtherCAT PHY link status signal.
ESC_MDC
Output
Management data clock output pin
ESC_MDIO
I/O
Management data I/O pin
USB 2.0 host/function
module
VCC33_USB
Input
Power supply input pin for USB
VCC18_USB
Input
Power supply input pin for USB
VSS_USB
Input
Ground input pins for USB
AVCC18_USB
Input
Analog power supply input pin for USB
USB_RREF
Input
Reference current input pin for USB. Connect this pin
to the VSS_USB pin with 1.8 kΩ (±1%).
USB_DP
I/O
USB bus D+ data I/O pin
USB_DM
I/O
USB bus D- data I/O pin
USB_VBUSEN
Output
Outputs the VBUS power enable signal for USB
USB_OVRCUR
Input
Inputs the overcurrent signal for USB
USB_VBUSIN
Input
USB cable connection/disconnection detection input
pin
USB_EXICEN
Output
OTG power supply IC control pin
USB_OTGID
Input
OTG ID pin
CANFD module (CANFD)
CANRX0, CANRX1
Input
Receive data input pins
CANTX0, CANTX1
Output
Transmit data output pins
CANRXDP0, CANRXDP1
Output
Receive data phase output pins
CANTXDP0, CANTXDP1
Output
Transmit data phase output pins
RZ/T2L Datasheet
1. Overview
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 16 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com