Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 86 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 82Page - Renesas Technology Corp RZ/T2L Datasheet HTML 83Page - Renesas Technology Corp RZ/T2L Datasheet HTML 84Page - Renesas Technology Corp RZ/T2L Datasheet HTML 85Page - Renesas Technology Corp RZ/T2L Datasheet HTML 86Page - Renesas Technology Corp RZ/T2L Datasheet HTML 87Page - Renesas Technology Corp RZ/T2L Datasheet HTML 88Page - Renesas Technology Corp RZ/T2L Datasheet HTML 89Page - Renesas Technology Corp RZ/T2L Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
Table 2.37
ΔΣ interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
DSMIF
Clock cycle
Master
tDScyc
40
200
ns
Figure 2.78
Slave
40
200
Clock high level
Master
tDSCKWH
16
—
ns
Slave
16
—
Clock low level
Master
tDSCKWL
16
—
ns
Slave
16
—
Setup time
Master
tSU
15
—
ns
Figure 2.79, Figure 2.80
Slave
5
—
Hold time
Master
tH
0
—
ns
Slave
5
—
MCLKn
(n = 0 to 5)
tDScyc
tDSCKWH
tDSCKWL
Figure 2.78
Clock input/output timing
MCLKn
(input or output)
tSU
n = 0 to 5
MDATn
(input)
tH
Figure 2.79
Reception timing (MCLKn rising synchronous)
MCLKn
(input or output)
tSU
MDATn
(input)
tH
Figure 2.80
Reception timing (MCLKn falling synchronous)
2.5.5.14
Ethernet Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (RGMII)*1
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 86 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com