Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 91 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 87Page - Renesas Technology Corp RZ/T2L Datasheet HTML 88Page - Renesas Technology Corp RZ/T2L Datasheet HTML 89Page - Renesas Technology Corp RZ/T2L Datasheet HTML 90Page - Renesas Technology Corp RZ/T2L Datasheet HTML 91Page - Renesas Technology Corp RZ/T2L Datasheet HTML 92Page - Renesas Technology Corp RZ/T2L Datasheet HTML 93Page - Renesas Technology Corp RZ/T2L Datasheet HTML 94Page - Renesas Technology Corp RZ/T2L Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
tMMIIck
ETH2_REFCLK
ETH2_TXDm
ETH2_TXEN
ETH2_TXER
tMMIIs
tMMIIh
ETH2_RXDm
ETH2_RXDV
ETH2_RXER
tMMIId
Figure 2.85
MII transmission and reception timing (MAC to MAC connection mode) (m = 0 to 3)
2.5.5.15
Serial Management Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 30 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (3.3 V)
Table 2.40
Serial management interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
MDIO
MDC output cycle time
GMAC_MDC,
ETHSW_MDC
TMDCck
80
—
ns
Figure 2.86
ESC_MDC
400
—
ns
MDIO output delay time (for MDC fall)*1
TMDIOd
—
20
ns
MDIO input setup time (for MDC
rise)
GMAC_MDC,
ETHSW_MDC
TMDIOs
18
—
ns
ESC_MDC
70
—
ns
MDIO input hold time (for MDC rise)
TMDIOh
0
—
ns
Note 1. The output timing from ETHSW is based on the rising edge of MDC, and the output delay can be set in the register.
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 91 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com