Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 2Page - Renesas Technology Corp RZ/T2L Datasheet HTML 3Page - Renesas Technology Corp RZ/T2L Datasheet HTML 4Page - Renesas Technology Corp RZ/T2L Datasheet HTML 5Page - Renesas Technology Corp RZ/T2L Datasheet HTML 6Page - Renesas Technology Corp RZ/T2L Datasheet HTML 7Page - Renesas Technology Corp RZ/T2L Datasheet HTML 8Page - Renesas Technology Corp RZ/T2L Datasheet HTML 9Page - Renesas Technology Corp RZ/T2L Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
Table 1.8
Communication interfaces (1 of 2)
Feature
Functional description
Ethernet MAC (GMAC)*2
● 1 port
● IEEE802.3
● IEEE1588-2008
● IEEE802.3-az-2010 for EEE
● Support for 10/100/1000 Mbps data transfer
● Full duplex and half duplex are supported
● Programmable frame length to support both standard and jumbo frames up to 16 KB
● 17 MAC address registers for the address filter block
● Variety of flexible addresses filtering modes are supported
● Advanced IEEE 1588-2002 & 2008 Ethernet frame time-stamping supported
● MII/RMII/RGMII interface is supported by RMII/RGMII converter
● Timer module
EtherCAT slave controller (ESC)*1 *2
● 1 channel (3 ports)
● EtherCAT Slave Controller IP core (made by Beckhoff Automation GmbH) implemented
● MII interface is supported. MII/RMII interface is supported by RGMII converter in Ethernet
Subsystem.
USB 2.0 HS host/function module
● 1 port
● Compliance with the USB 2.0 specification
● OTG support
● Transfer rate
High speed (480 Mbps), full speed (12 Mbps), low speed (1.5 Mbps, host only)
● Communications buffer
– Incorporates 1 KB of RAM for host mode
– Incorporates 8 KB of RAM for function mode
● DMAC (2 channels) incorporated
Serial communication interface (SCI)
● 6 channels
● 5 communication mode
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple I2C (master-only)
– Simple SPI
– Smart card interface
● Clock source is select from among four internal clock signals
● Bit rate specifiable with the on-chip baud rate generator
● Full-duplex and half-duplex communication
● Data length: 7 to 9 bits (Asynchronous mode)
● Bit rate modulation
● Double speed mode (Asynchronous, Clock Synchronous, Simple SPI mode)
● RS-485 driver control function (Asynchronous mode)
● Loopback function to enable self-diagnosis (Asynchronous, Clock synchronous mode)
I2C bus interface (IIC)
● 3 channels
● Communication formats: I2C bus format or SMBus format
● Master or slave mode selectable
● Supports the multi-master
● Maximum transfer rate: 400 kbps (Standard mode and Fast mode)
CAN-FD module (CANFD)*3
● 2 channels
● Comply with CAN-FD ISO 11898-1 (2015)
● Communication speed
– Classical CAN mode: 1 Mbps
– CAN FD mode:
Nominal bit rate: max. 1 Mbps
Data bit rate: max. 8 Mbps
● Total 192 message buffers (in case frame size is 76 bytes)
– Individual buffers: 64 for TX
– Shared buffers: 128 for TX and RX including FIFO
● Selectable ID type with 11-bit Standard and 18-bit Extended
● Selectable Frame type: Data Frame and Remote Frame
● Up to 256 receive rules
RZ/T2L Datasheet
1. Overview
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 6 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com