Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 88 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 84Page - Renesas Technology Corp RZ/T2L Datasheet HTML 85Page - Renesas Technology Corp RZ/T2L Datasheet HTML 86Page - Renesas Technology Corp RZ/T2L Datasheet HTML 87Page - Renesas Technology Corp RZ/T2L Datasheet HTML 88Page - Renesas Technology Corp RZ/T2L Datasheet HTML 89Page - Renesas Technology Corp RZ/T2L Datasheet HTML 90Page - Renesas Technology Corp RZ/T2L Datasheet HTML 91Page - Renesas Technology Corp RZ/T2L Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
Table 2.39
Ethernet interface timing (MAC to MAC connection mode)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
Ethernet
(RGMII)
ETH2_TXCLK, ETH2_RXCLK cycle time
tMRGMIIck
7.2
8.8
ns
Figure 2.84
ETH2_TXCLK, ETH2_RXCLK frequency
Typ. 125 MHz
—
125 − 50 ppm
125 + 50 ppm
MHz
ETH2_TXCLK, ETH2_RXCLK duty cycle
—
45
55
%
ETH2_TXCLK, ETH2_TXD0 to ETH2_TXD3,
ETH2_TXEN (TX_CTL), ETH2_RXCLK,
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) rise/fall time
tMRGMIIr,
tMRGMIIf
—
0.75
ns
ETH2_TXD0 to ETHn_TXD3, ETHn_TXEN
(TX_CTL) output skew
tMRGMIIos
—
0.6
ns
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN
(TX_CTL) output setup time
tMRGMIIso
1.1
—
ns
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN
(TX_CTL) output hold time
tMRGMIIho
1.1
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) input setup time
tMRGMIIsi
-0.7
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV
(RX_CTL) input hold time
tMRGMIIhi
2.9
—
ns
Ethernet
(MII)
ETH2_REFCLK cycle time
tMMIIck
40
—
ns
Figure 2.85
ETH2_REFCLK frequency Typ. 25 MHz
—
25 − 50 ppm
25 + 50 ppm
MHz
ETH2_TXD0 to ETH2_TXD3, ETH2_TXEN,
ETH2_TXER output delay time
tMMIId
11
25
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV,
ETH2_RXER setup time
tMMIIs
10
—
ns
ETH2_RXD0 to ETH2_RXD3, ETH2_RXDV,
ETH2_RXER hold time
tMMIIh
0
—
ns
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 88 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com