Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 75Page - Renesas Technology Corp RZ/T2L Datasheet HTML 76Page - Renesas Technology Corp RZ/T2L Datasheet HTML 77Page - Renesas Technology Corp RZ/T2L Datasheet HTML 78Page - Renesas Technology Corp RZ/T2L Datasheet HTML 79Page - Renesas Technology Corp RZ/T2L Datasheet HTML 80Page - Renesas Technology Corp RZ/T2L Datasheet HTML 81Page - Renesas Technology Corp RZ/T2L Datasheet HTML 82Page - Renesas Technology Corp RZ/T2L Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
Table 2.35
SPI timing (2 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF
Parameter
Symbol
Min.*1
Max.*1
Unit*1
Reference
figure
Slave access time
tSA
—
12
ns
Figure 2.68,
Figure 2.69
Slave output release time
tREL
—
12
ns
Note 1. tSPIcyc: PCLKSPIn cycle
Note 2. SPCKD set value + 1 (1 to 8)
Note 3. SSLND set value + 1 (1 to 8)
Note 4. SSLND set value + 2 (2 to 9)
RSPCKn
master select output
tSPcyc
tSPCKWH
tSPCKr
VOH
VOH
VOL
VOL
VOH
tSPCKWL
SPI
tSPCKf
VOL
RSPCKn
slave select input
tSPcyc
tSPCKWH
tSPCKr
VIH
tSPCKWL
tSPCKf
(n = 0 to 3)
VIH
VIL
VIL
VIH
VOH
VIH
VIL
VOH = VCC33 - 0.5 V, VOL = 0.4 V, VIH = 2.4 V, VIL = 0.8 V
Figure 2.65
SPI clock timing
SSLn0 to
SSLn3
output
tLEAD
SPI
tSSLr, tSSLf
RSPCKn
CPOL = 1
output
(n = 0 to 3)
tLAG
tTD
RSPCKn
CPOL = 0
output
tSU
tH
MSB IN
DATA
LSB IN
MSB IN
MISOn
input
MOSIn
output
MSB OUT
tDr, tDf
tOH
DATA
tOD
LSB OUT
MSB OUT
IDLE
Figure 2.66
SPI timing (Master, Motorola SPI, CPHA = 0)
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 79 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com