Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 27 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 23Page - Renesas Technology Corp RZ/T2L Datasheet HTML 24Page - Renesas Technology Corp RZ/T2L Datasheet HTML 25Page - Renesas Technology Corp RZ/T2L Datasheet HTML 26Page - Renesas Technology Corp RZ/T2L Datasheet HTML 27Page - Renesas Technology Corp RZ/T2L Datasheet HTML 28Page - Renesas Technology Corp RZ/T2L Datasheet HTML 29Page - Renesas Technology Corp RZ/T2L Datasheet HTML 30Page - Renesas Technology Corp RZ/T2L Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
Table 2.2
Power supply (2 of 2)
Parameter
Symbol
Value
Min.
Typ.
Max.
Unit
Power supply voltages supporting multi
voltage mode
VCC1833_2,
VCC1833_3
3.3-V mode
3.135
3.3
3.465
V
1.8-V mode (VCC18)
1.70
1.8
1.95
V
Analog power supply voltages
VCC18_PLL0
—
VCC18
—
V
VCC18_PLL1
—
VCC18
—
V
VCC33_USB*1
—
VCC33
—
V
VCC18_USB*2
—
VCC18
—
V
AVCC18_USB*2
—
VCC18
—
V
VCC18_ADC0*2
—
VCC18
—
V
VCC18_ADC1*2
—
VCC18
—
V
AVCC18_TSU*2
—
VCC18
—
V
VREFH0
VSS
—
VCC18_ADC0 V
VREFH1
VSS
—
VCC18_ADC1 V
VSS_USB
—
0
—
V
Note:
The condition of A/D conversion characteristics is VREFHn = VCC18_ADCn (n = 0, 1). And power-up/down sequence should follow
VCC18_ADCn.
Note 1. Connect this USB power supply pin to VCC33 when the USB is not used. Do not leave this pin open.
Note 2. Connect Analog power supply pins to VCC18 when these analog functions are not used. Do not leave these pins open.
2.3
Power On/Off Sequence
Power on/off sequence and timing are shown in the figure and table below.
For power-up, 1.1-V and 1.8-V power (i.e. VDD, VCC18, and AVCC) must be supplied first, then 3.3-V power (i.e.
VCC33) must be supplied. The power-up sequence must be completed within 100 ms. Reset signal (i.e. RES#) must be held
to Low level during the power-up.
For Power-down, 3.3-V power (i.e. VCC33) must go down first and then 1.1-V and 1.8-V power (i.e. VDD, VCC18, and
AVCC). The power-down sequence must be completed within 100 ms.
Rise and fall time of each power supply for the power-up and the power-down must be larger than 10 µs.
Power supply voltages and reset signal must be applied with monotonic increase.
Do not apply a negative voltage to power supply voltages.
Do not apply a voltage to any pins except P07_4 (USB_VBUSIN) until the power supply has powered up.
Stable clock must be supplied to EXTAL/XTAL or EXTCLKIN pin when reset signal (RES#) is driven high.
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 27 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com