Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 13 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 9Page - Renesas Technology Corp RZ/T2L Datasheet HTML 10Page - Renesas Technology Corp RZ/T2L Datasheet HTML 11Page - Renesas Technology Corp RZ/T2L Datasheet HTML 12Page - Renesas Technology Corp RZ/T2L Datasheet HTML 13Page - Renesas Technology Corp RZ/T2L Datasheet HTML 14Page - Renesas Technology Corp RZ/T2L Datasheet HTML 15Page - Renesas Technology Corp RZ/T2L Datasheet HTML 16Page - Renesas Technology Corp RZ/T2L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
Table 1.17
Pin functions (2 of 7)
Classification
Pin name
I/O
Description
Debugging interface
TRST#
Input
Test reset pin for the on-chip emulator
TMS
I/O
Test mode select pin for the on-chip emulator
Functions as the SWDIO pin in serial wire debug
(SWD) mode
TDI
Input
Test data input pin for the on-chip emulator
TDO
Output
Test data output pin for the on-chip emulator
TCK
Input
Test clock pin for the on-chip emulator
Functions as the SWCLK pin in serial wire debug
(SWD) mode
TRACECLK
Output
Outputs the clock for synchronization with trace data
TRACECTL
Output
Outputs the enable signal for trace control
TRACEDATA0 to TRACEDATA7
Output
Output trace data
Bus state controller (BSC)
A25 to A0
Output
Output the address
D15 to D0
I/O
Input and output the data
CS0#, CS2#, CS3#, CS5#
Output
Output the chip select signal for the external memory
or device.
RD#
Output
Outputs the strobe signal which indicates a read is in
progress.
RD/WR#
Output
Outputs the strobe signal which indicates a read or
write access
BS#
Output
Outputs the status signal which indicates the start of
the bus cycle
AH#
Output
Outputs the address hold signal for the device that
uses the multiplexed I/O interface
WAIT#
Input
Inputs the external wait control signal which inserts a
wait cycle into the bus cycle
WE0#
Output
Outputs the write strobe signal to D7 to D0
WE1#
Output
Outputs the write strobe signal to D15 to D8
DQMLL
Output
Outputs the data mask enable signal to D7 to D0 when
SDRAM is connected
DQMLU
Output
Outputs the data mask enable signal to D15 to D8
when SDRAM is connected
RAS#
Output
Outputs the row-address strobe signal to the SDRAM.
This pin should be connected to the RAS# pin on the
SDRAM.
CAS#
Output
Outputs the column-address strobe signal to the
SDRAM. This pin should be connected to the CAS#
pin on the SDRAM.
CKE
Output
Outputs the clock enable signal to the SDRAM. This
pin should be connected to the CKE pin on the
SDRAM.
Direct memory access
controller (DMAC)
DREQ
Input
Inputs the DMA transfer request signal from the
external device
DACK
Output
Outputs the acknowledge signal which indicates
acceptance of the DMA transfer request from the
external device
TEND
Output
Outputs the DMA transfer end signal
Interrupt
NMI
Input
Inputs the non-maskable interrupt request signal
IRQ0 to IRQ15
Input
Input the external interrupt request signal
RZ/T2L Datasheet
1. Overview
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 13 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com