Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 28 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 24Page - Renesas Technology Corp RZ/T2L Datasheet HTML 25Page - Renesas Technology Corp RZ/T2L Datasheet HTML 26Page - Renesas Technology Corp RZ/T2L Datasheet HTML 27Page - Renesas Technology Corp RZ/T2L Datasheet HTML 28Page - Renesas Technology Corp RZ/T2L Datasheet HTML 29Page - Renesas Technology Corp RZ/T2L Datasheet HTML 30Page - Renesas Technology Corp RZ/T2L Datasheet HTML 31Page - Renesas Technology Corp RZ/T2L Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
1.1-V power supply
1.8-V power supply
(1) Trisepwr
(1) Trisepwr
(2) Tdly18
(1) Trisepwr
(3) Tdly33
3.3-V power supply
(7) Tdly18d
(8) Tdly11d
Oscillation
XTAL / EXTAL
RES#
(5) Trisereset
(4) Tdlyreset
TRST#
(9) Tdlytotal
(10) Tdlytotald
(6) Tdly33d
(11) Tfallpwr
(11) Tfallpwr
(11) Tfallpwr
2.5 V
Note:
● When 1.8-V is supplied to VCC1833_n, should follow the 1.8-V power supply sequence. When 3.3-V is supplied to
VCC1833_n, should follow the 3.3-V power supply sequence.
● All 3.3-V power supplies must start up the same time.
Figure 2.1
Power on/off sequence
Table 2.3
Power on/off sequence timing
No.
Symbol
Description
Value
Min.
Typ.
Max.
(1)
Trisepwr
Rising time of the power supply voltage
10 µs
—
30 ms
(2)
Tdly18
Delay time from start of rising of the 1.1-V power supply voltage
to completion of rising of the 1.8-V power supply voltage
0
—
100 ms
(3)
Tdly33
Delay time from completion of rising of the 1.8-V power supply
voltage to completion of rising of the 3.3-V power supply voltage
0
—
100 ms
(4)
Tdlyreset
Delay time from completion of rising of the 3.3-V power supply
voltage to start of rising of RES# when XTAL/EXTAL is used.
10 ms
—
—
Delay time from completion of rising of the 3.3-V power supply
voltage to start of rising of RES# when EXTCLKIN is used.
1 ms
—
—
(5)
Trisereset
Rising time of RES#
—
—
150 µs
(6)
Tdly33d
Delay time from start of falling of RES# to start of falling of the
3.3-V power supply voltage
10 µs
—
—
(7)
Tdly18d
Delay time from the time when the 3.3-V power supply voltage
drops below 2.5 V to start of falling of the 1.8-V power supply
voltage
0
—
100 ms
(8)
Tdly11d
Delay time from start of falling of the 1.8-V power supply voltage
to start of falling of the 1.1-V power supply voltage
0
—
100 ms
(9)
Tdlytotal
Startup time of all power supply voltage
—
—
100 ms
(10)
Tdlytotald
Shut down time of all power supply voltage
—
—
100 ms
(11)
Tfallpwr
Falling time of the power supply voltage
10 µs
—
30 ms
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 28 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com