Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 69 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 65Page - Renesas Technology Corp RZ/T2L Datasheet HTML 66Page - Renesas Technology Corp RZ/T2L Datasheet HTML 67Page - Renesas Technology Corp RZ/T2L Datasheet HTML 68Page - Renesas Technology Corp RZ/T2L Datasheet HTML 69Page - Renesas Technology Corp RZ/T2L Datasheet HTML 70Page - Renesas Technology Corp RZ/T2L Datasheet HTML 71Page - Renesas Technology Corp RZ/T2L Datasheet HTML 72Page - Renesas Technology Corp RZ/T2L Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
PCLKH
tGTEW
External trigger
Figure 2.48
GPT external trigger input timing
2.5.5.6
POEG Timing
Table 2.30
POEG timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
POEG
GTETRGn input pulse width (n = A to D)
tPOEGW
2.5
—
tPHcyc
Figure 2.49
Output
disable time
Input level detection of the
GTETRGn pin (via flag)
tPOEGDI
—
3 × PCLKH
+ 0.1
µs
Figure 2.50
Detection of the output stopping
signal from GPT (dead time
error, simultaneous high output,
or simultaneous low output)
tPOEGDO
—
0.1
µs
Figure 2.51
Register setting
tPOEGDS
—
PCLKH +
0.1
µs
Figure 2.52
Oscillation stop detection
tPOEGDOS
—
74
µs
Figure 2.53
Note 1. tPHcyc: PCLKH cycle (LLPP channels), PCLKL cycle (Other channels)
PCLKL, PCLKH
GTETRGn input
(n = A to D)
tPOEGW
Figure 2.49
POEG input timing
Outputs disabled
GPT PWM output pins
POEGGn.PIDF flag
(n = A to D)
GTETRGn input
(n = A to D)
tPOEGW
tPOEGDI
Figure 2.50
Output disable time for POEG via detection flag in response to the input level detection of the
GTETRGn pin
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 69 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com