Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 60Page - Renesas Technology Corp RZ/T2L Datasheet HTML 61Page - Renesas Technology Corp RZ/T2L Datasheet HTML 62Page - Renesas Technology Corp RZ/T2L Datasheet HTML 63Page - Renesas Technology Corp RZ/T2L Datasheet HTML 64Page - Renesas Technology Corp RZ/T2L Datasheet HTML 65Page - Renesas Technology Corp RZ/T2L Datasheet HTML 66Page - Renesas Technology Corp RZ/T2L Datasheet HTML 67Page - Renesas Technology Corp RZ/T2L Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 103 page
background image
CKIO
Tp
Trr
A25 to A0
tAD1
tCSD1
tRWD1
A12/A11*1
RD/WR#
tCSD1
DACK*2
Tpw
Trr
tRWD1
D15 to D0
BS#
tAD1
CS3#, CS2#
RAS#
tRASD1
tRASD1
tCASD1
CAS#
tCASD1
DQMLU, DQMLL
CKE
Trc
Trc
tRWD1
tCSD1
tCSD1
tRASD1
tRASD1
(Hi-Z)
Trc
Tmw
Trc
Tde
PALL
REF
REF
MRS
tAD1
tAD1
tAD1
tCSD1
tCSD1
tCSD1
tCSD1
tRWD1
tRWD1
tRASD1
tRASD1
tRASD1
tRASD1
tCASD1
tCASD1
tCASD1
tCASD1
Note 1. Address pin to be connected to A10 of SDRAM.
Note 2. DACK is waveform when active-low is specified.
Figure 2.35
Synchronous DRAM mode register set timing (WTRP = 1 cycle)
2.5.4
DMAC Timing
Table 2.23
DMAC timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (CKIO), 30 pF (others), Tjmin = −40°C
Parameter
Symbol
Min.*1
Max.
Unit
Reference figure
DMAC
DREQ pulse width
tDRQW
tIcyc × 2
—
ns
Figure 2.36
DACK and TEND delay time
tDACD
0
10
ns
Figure 2.37
Note 1. tIcyc: ICLK cycle
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 64 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com