Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 96 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 92Page - Renesas Technology Corp RZ/T2L Datasheet HTML 93Page - Renesas Technology Corp RZ/T2L Datasheet HTML 94Page - Renesas Technology Corp RZ/T2L Datasheet HTML 95Page - Renesas Technology Corp RZ/T2L Datasheet HTML 96Page - Renesas Technology Corp RZ/T2L Datasheet HTML 97Page - Renesas Technology Corp RZ/T2L Datasheet HTML 98Page - Renesas Technology Corp RZ/T2L Datasheet HTML 99Page - Renesas Technology Corp RZ/T2L Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
2.7
A/D Conversion Characteristics
Table 2.45
12-Bit A/D conversion characteristics
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Resolution
12
bits
—
Analog input capacitance
—
—
13
pF
—
Channel-dedicated sample-and-
hold circuits in use
(AN000 to AN002, AN100 to
AN102)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
1.52
—
—
µs
—
Offset error
—
—
±13
LSB
—
Full-scale error
—
—
±13
LSB
—
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
—
±14
LSB
—
DNL differential non-linearity error
—
—
±3
LSB
—
INL integral non-linearity error
—
—
±4
LSB
—
Holding characteristics of sample-
and-hold circuits
—
—
2.67
µs
—
Dynamic range
0.15
—
VREFH0 -
0.15
V
—
Channel-dedicated sample-and-
hold circuits not in use
(AN000 to AN003, AN100 to
AN103)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
0.84
—
—
µs
—
Offset error
—
—
±11
LSB
—
Full-scale error
—
—
±11
LSB
—
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
—
±12
LSB
—
DNL differential non-linearity error
—
—
±3
LSB
—
INL integral non-linearity error
—
—
±4
LSB
—
Note:
The specified values in the table apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the specified ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time.
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 96 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com