Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 17 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 13Page - Renesas Technology Corp RZ/T2L Datasheet HTML 14Page - Renesas Technology Corp RZ/T2L Datasheet HTML 15Page - Renesas Technology Corp RZ/T2L Datasheet HTML 16Page - Renesas Technology Corp RZ/T2L Datasheet HTML 17Page - Renesas Technology Corp RZ/T2L Datasheet HTML 18Page - Renesas Technology Corp RZ/T2L Datasheet HTML 19Page - Renesas Technology Corp RZ/T2L Datasheet HTML 20Page - Renesas Technology Corp RZ/T2L Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
Table 1.17
Pin functions (6 of 7)
Classification
Pin name
I/O
Description
Serial peripheral interface
(SPI)
SPI_RSPCK0 to SPI_RSPCK3
I/O
Clock I/O pins
SPI_MOSI0 to SPI_MOSI3
I/O
Master transmit data I/O pins
SPI_MISO0 to SPI_MISO3
I/O
Slave transmit data I/O pins
SPI_SSL00 to SPI_SSL30
I/O
Slave select signal I/O pins
SPI_SSL01 to SPI_SSL31,
SPI_SSL02 to SPI_SSL32,
SPI_SSL03 to SPI_SSL33
Output
Slave select signal output pins
Expanded serial peripheral
interface (xSPI)
XSPI0_CKP, XSPI1_CKP,
XSPI0_CKN
Output
Clock output pins
XSPI0_CS0#, XSPI0_CS1#,
XSPI1_CS0#
Output
Chip select output pins
XSPI0_DS, XSPI1_DS
I/O
Read data strobe/write data mask input/output pin
XSPI0_IO0 to XSPI0_IO7,
XSPI1_IO0 to XSPI1_IO7
I/O
Data0 to Data7 input/output pins
XSPI0_RESET0#, XSPI0_RESET1#
Output
Master reset status output pins
XSPI0_RSTO0#, XSPI0_RSTO1#
Input
Slave reset status input pins
XSPI0_INT0#, XSPI0_INT1#
Input
Interrupt input pins
XSPI0_ECS0#, XSPI0_ECS1#
Input
Error correction status input pins
XSPI0_WP0#, XSPI0_WP1#
Output
Write protect output pins
ΔΣ interface (DSMIF)
MCLK0 to MCLK5
I/O
Clock I/O pins
MDAT0 to MDAT5
Input
Data input pins
12-bit A/D converter
(ADC12)
AN000 to AN003,
AN100 to AN103
Input
Analog input pins for the A/D converter
ADTRG0#, ADTRG1#
Input
External trigger input pins for the start of A/D
conversion
Analog power supply
VCC18_ADC0, VCC18_ADC1
Input
Analog power supply input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
VREFH0, VREFH1
Input
Reference voltage input pin for the 12-bit A/D
converter. Connect this pin to the 1.8 V power supply if
the 12-bit A/D converter is not to be used.
I/O ports
P00_0 to P24_2
I/O
General-purpose input/output pins
Serial host interface
(SHOSTIF)
HSPI_CK
Input
Clock input pin
HSPI_CS#
Input
Chip select input pin
HSPI_IO0 to HSPI_IO7
I/O
Data0 to Data7 input/output pins
HSPI_INT#
Output
Interrupt output pin
Mailbox
MBX_HINT#
Output
Mailbox (Cortex-R52 to Host) interrupt output pin
Encoder I/F common
ENCIFCK0, ENCIFCK1
Output
Encoder I/F clock output pins
ENCIFOE0, ENCIFOE1
Output
Encoder I/F data output enable pins
ENCIFDO0, ENCIFDO1
Output
Encoder I/F data output pins
ENDIFDI0, ENDIFDI1
Input
Encoder I/F data input pins
EnDat 2.2 (ENDAT)
DUEI0, DUEI1
Output
EnDat 2.2 Data transfer
TST_OUT0, TST_OUT1
Output
EnDat 2.2 Data input after internal synchronization
SI0#, SI1#
Output
EnDat 2.2 Start pulse
RZ/T2L Datasheet
1. Overview
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 17 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com