Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 37 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 33Page - Renesas Technology Corp RZ/T2L Datasheet HTML 34Page - Renesas Technology Corp RZ/T2L Datasheet HTML 35Page - Renesas Technology Corp RZ/T2L Datasheet HTML 36Page - Renesas Technology Corp RZ/T2L Datasheet HTML 37Page - Renesas Technology Corp RZ/T2L Datasheet HTML 38Page - Renesas Technology Corp RZ/T2L Datasheet HTML 39Page - Renesas Technology Corp RZ/T2L Datasheet HTML 40Page - Renesas Technology Corp RZ/T2L Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 103 page
background image
2.5.3
Bus Timing
Table 2.21
Bus timing (1 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (CKIO), 30 pF (others), Tjmin = −40°C
Parameter
Symbol
CKIO = 1/tCKcyc*1
(Max 66 MHz)
Unit
Reference Figure
Min.
Max.
Address delay time 1
SDRAM*2
tAD1
2
11
ns
Figure 2.11 to Figure 2.35
Other than the above
0
10
ns
Address delay time 2
tAD2
1/2tCKcyc
1/2tCKcyc + 10 ns
Figure 2.18
Address setup time
tAS
0
—
ns
Figure 2.11 to Figure 2.14,
Figure 2.18
Chip enable setup time
tCS
0
—
ns
Figure 2.11 to Figure 2.14,
Figure 2.18
Address hold time
tAH
0
—
ns
Figure 2.11 to Figure 2.14
BS delay time
tBSD
—
11
ns
Figure 2.11 to Figure 2.32
CSn# delay time 1
SDRAM*2
tCSD1
2
11
ns
Figure 2.11 to Figure 2.35
Other than the above
0
10
ns
Read/write delay time 1
SDRAM*2
tRWD1
2
11
ns
Figure 2.11 to Figure 2.35
Other than the above
0
10
ns
Read strobe delay time
tRSD
1/2tCKcyc
1/2tCKcyc + 10 ns
Figure 2.11 to Figure 2.18
Read data setup time 1*3
High-drive output
tRDS1
1/2tCKcyc + 4
—
ns
Figure 2.11 to Figure 2.17
Normal output
1/2tCKcyc + 7
—
ns
Read data setup time 2*3
High-drive output
tRDS2
6.6
—
ns
Figure 2.19 to Figure 2.22,
Figure 2.27 to Figure 2.29
Read data setup time 3*3
High-drive output
tRDS3
1/2tCKcyc + 4
—
ns
Figure 2.18
Normal output
1/2tCKcyc + 7
—
ns
Read data hold time 1
tRDH1
0
—
ns
Figure 2.11 to Figure 2.17
Read data hold time 2
tRDH2
2.5
—
ns
Figure 2.19 to Figure 2.22,
Figure 2.27 to Figure 2.29
Read data hold time 3
tRDH3
0
—
ns
Figure 2.18
Write enable delay time 1
tWED1
1/2tCKcyc
1/2tCKcyc + 10 ns
Figure 2.11 to Figure 2.16
Write enable delay time 2
tWED2
—
11
ns
Figure 2.17
Write data delay time 1
tWDD1
—
11
ns
Figure 2.11 to Figure 2.17
Write data delay time 2
tWDD2
—
11
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 1
tWDH1
1
—
ns
Figure 2.11 to Figure 2.17
Write data hold time 2
tWDH2
2
—
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 4
tWDH4
0
—
ns
Figure 2.11 to Figure 2.15
WAIT# setup time*3
High-drive output
tWTS
1/2tCKcyc + 4.5 —
ns
Figure 2.12 to Figure 2.18
Normal output
1/2tCKcyc + 8
—
ns
WAIT# hold time
tWTH
1/2tCKcyc + 3.5 —
ns
Figure 2.12 to Figure 2.18
RAS# delay time 1
tRASD1
2
11
ns
Figure 2.19 to Figure 2.35
CAS# delay time 1
tCASD1
2
11
ns
Figure 2.19 to Figure 2.35
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 37 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com