Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 5Page - Renesas Technology Corp RZ/T2L Datasheet HTML 6Page - Renesas Technology Corp RZ/T2L Datasheet HTML 7Page - Renesas Technology Corp RZ/T2L Datasheet HTML 8Page - Renesas Technology Corp RZ/T2L Datasheet HTML 9Page - Renesas Technology Corp RZ/T2L Datasheet HTML 10Page - Renesas Technology Corp RZ/T2L Datasheet HTML 11Page - Renesas Technology Corp RZ/T2L Datasheet HTML 12Page - Renesas Technology Corp RZ/T2L Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
Table 1.12
Security
Feature
Functional description
Security*1
● Secure boot
● JTAG authentication
● Cryptographic accelerators
– Symmetric Cipher: AES 128/192/256 bits with CBC/ECB/CTR/GCM/XTS
– Asymmetric Cipher: ECC 256 bits, RSA 1024/2048/3072 bits, RSAES-OAEP
– Hash: SHA-1, SHA-2
– Message authentication: HMAC, CMAC, GMAC
– Signature algorithms: ECDSA with NIST P-256, RSASSA-PSS, RSASSA-PKCS1
● TRNG
Note 1. For details, contact our sales representative.
Table 1.13
Debug
Feature
Functional description
Debugging interface
● CoreSight architecture designed by Arm
● Debugging function by the JTAG/SWD interface, and trace function by the trace port
interface
Table 1.14
External host interface
Feature
Functional description
Serial host interface (SHOSTIF)
● Serial communication is possible in slave mode.
● Supported interface
– Motorola Serial Peripheral Interface (4-wire SPI)
– Enhanced SPI Modes with Dual, Quad, or Octal SPI
● Serial clock polarity switching
● Serial clock phase switching
● Single Data Transfer
● Data size is up to 32 bits × 64 burst
Mailbox and semaphore (MBXSEM)
● Eight semaphores
● Four 32-bit mailboxes for both external host CPU to Cortex-R52 and Cortex-R52 to external
host CPU
● Interrupts can be generated and cleared from both external host CPU and Cortex-R52
Table 1.15
Others
Feature
Functional description
Power supply voltage
VDD = 1.1 V (Core)
VCC18 = 1.8 V (PLL, USB, ADC, TSU)
VCC33 = 3.3 V (I/O, USB)
VCC1833 = 1.8 V (RGMII, xSPI) or 3.3 V (RMII/MII, xSPI*1)
Operating temperature
Tj = −40 to +125°C
Packages
196 pin FBGA 12 × 12 mm, 0.8-mm pitch
Note 1. Maximum xSPI clock frequency is 75 MHz at 3.3 V.
RZ/T2L Datasheet
1. Overview
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 9 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com