Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 36 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 32Page - Renesas Technology Corp RZ/T2L Datasheet HTML 33Page - Renesas Technology Corp RZ/T2L Datasheet HTML 34Page - Renesas Technology Corp RZ/T2L Datasheet HTML 35Page - Renesas Technology Corp RZ/T2L Datasheet HTML 36Page - Renesas Technology Corp RZ/T2L Datasheet HTML 37Page - Renesas Technology Corp RZ/T2L Datasheet HTML 38Page - Renesas Technology Corp RZ/T2L Datasheet HTML 39Page - Renesas Technology Corp RZ/T2L Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
Table 2.20
Reset, interrupt, and mode timing (2 of 2)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
NMI pulse width
Level detection
tNMIW
Figure 2.8
tIcyc × 2*1
—
—
ns
Edge detection
tPMcyc × 3.5*2
*3
—
—
ns
IRQ pulse width
Level detection
tIRQW
Figure 2.9
tIcyc × 2*1
—
—
ns
Edge detection
tPMcyc × 3.5*2
*3
—
—
ns
Mode hold time (to RES#) At power on
tMDH
Figure 2.10
250
—
—
ns
Note 1. tIcyc: ICLK cycle
Note 2. tPMcyc: PCLKM cycle
Note 3. This value is when noise filter sampling frequency divided rate is 1. In other cases, it is [clock division rate] × tPMcyc × 3.5.
RES#
TRST#
tdlyreset, tdlyreset2
VIL33
VIL33
VIH33
trisereset
Figure 2.7
Reset input timing
NMI
tNMIW
Figure 2.8
NMI interrupt input timing
IRQ0 to IRQ15
tIRQW
Figure 2.9
IRQ interrupt input timing
tMDH
RES#
MD[2:0],
MDV[3:2],
MDD
Valid Data
2.1 V
Figure 2.10
Mode input timing
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 36 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com