Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 26 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 22Page - Renesas Technology Corp RZ/T2L Datasheet HTML 23Page - Renesas Technology Corp RZ/T2L Datasheet HTML 24Page - Renesas Technology Corp RZ/T2L Datasheet HTML 25Page - Renesas Technology Corp RZ/T2L Datasheet HTML 26Page - Renesas Technology Corp RZ/T2L Datasheet HTML 27Page - Renesas Technology Corp RZ/T2L Datasheet HTML 28Page - Renesas Technology Corp RZ/T2L Datasheet HTML 29Page - Renesas Technology Corp RZ/T2L Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
2.
Electrical Characteristics
Electrical characteristics of this LSI is defined with the following conditions unless otherwise described.
Conditions:
VDD = 1.05 to 1.15 V
VCC18 = VCC1833_n (1.8-V mode) = VCC18_PLL0 = VCC18_PLL1 = VCC18_USB = AVCC18_USB = VCC18_ADC0
= VCC18_ADC1 = AVCC18_TSU = VREFH0 = VREFH1= 1.70 to 1.95 V
VCC33 = VCC1833_n (3.3-V mode) = VCC33_USB = 3.135 to 3.465 V
VSS = VSS_USB = 0 V
Tj = −40 to 125ºC
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage (3.3-V mode)
VCC33,
VCC1833_2,
VCC1833_3
−0.3 to +3.8
V
Power supply voltage (1.8-V mode)
(VCC18)
VCC1833_2,
VCC1833_3
−0.3 to +2.5
V
Power supply voltage
VDD
−0.3 to +1.5
V
Input voltage
Vin (3.3-V logic)
−0.3 to VCC33 + 0.3
V
Input voltage
Vin (1.8-V logic)
−0.3 to VCC18 + 0.3
V
Analog power supply voltage
VCC18_PLL0,
VCC18_PLL1,
VCC18_USB,
AVCC18_USB,
VCC18_ADC0,
VCC18_ADC1,
AVCC18_TSU
−0.3 to smaller value of VCC18*1
+ 0.3 or 2.5
V
VCC33_USB
−0.3 to smaller value of VCC33 +
0.3 or 3.8
V
Voltage difference between power supply pins
VCC33-VCC18
-2.5 to + 2.1
V
Analog input voltage
VAN
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Reference voltage
VREFH0, VREFH1
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Crystal oscillator pins input voltage
XTAL, EXTAL
−0.3 to +1.5
V
Operating temperature (Junction temperature)
Tj
−40 to +125
°C
Storage temperature
Tstg
−55 to +125
°C
Note 1. For convention, "VCC18" virtually represents any 1.8-V power supplies of the chip such as VCC1833_n in 1.8-V mode.
Caution: Permanent damage to the LSI might result if absolute maximum ratings are exceeded.
2.2
Power Supply
Table 2.2
Power supply (1 of 2)
Parameter
Symbol
Value
Min.
Typ.
Max.
Unit
Power supply voltages
VCC33
3.135
—
3.465
V
VDD
1.05
1.1
1.15
V
VSS
—
0
—
V
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 26 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com