Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 34 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 30Page - Renesas Technology Corp RZ/T2L Datasheet HTML 31Page - Renesas Technology Corp RZ/T2L Datasheet HTML 32Page - Renesas Technology Corp RZ/T2L Datasheet HTML 33Page - Renesas Technology Corp RZ/T2L Datasheet HTML 34Page - Renesas Technology Corp RZ/T2L Datasheet HTML 35Page - Renesas Technology Corp RZ/T2L Datasheet HTML 36Page - Renesas Technology Corp RZ/T2L Datasheet HTML 37Page - Renesas Technology Corp RZ/T2L Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Table 2.16
Ethernet PHY reference clock output timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ETHn_REFCLK cycle time
tCK
—
40
—
—
ns
ETHn_REFCLK frequency
—
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
ETHn_REFCLK duty
—
—
45
—
55
%
ETHn_REFCLK rising/falling time
tCKr / tCKf
—
0.5
—
4.0
ns
RMIIn_REFCLK cycle time
tCK
—
20
—
—
ns
RMIIn_REFCLK frequency
—
—
50.00 ± 50 ppm
MHz
RMIIn_REFCLK duty
—
—
45
—
55
%
RMIIn_REFCLK rising/falling time
tCKr / tCKf
—
0.5
—
3.5
ns
ETHn_REFCLK
RMIIn_REFCLK
output
tCK
1/2 VCC1833_n
tCKf
tCKr
VOH
VOL
1/2 VCC1833_n
VOL
VOH
Figure 2.3
Ethernet PHY reference clock output timing
2.5.1.3
EXTCLKIN External Clock Input
Table 2.17
EXTCLKIN clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTCLKIN external clock frequency
fEXTCLKIN
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
EXTCLKIN duty
rEXTCLKIN
—
±5%
—
EXTCLKIN rising time
trEXTCLKIN
—
0
—
5
ns
EXTCLKIN falling time
tfEXTCLKIN
—
0
—
5
ns
Note:
When using crystal resonator (i.e. EXTAL/XTAL clock is used), EXTCLKIN should be driven low.
EXTCLKIN external clock input
1/2 × VCC33
1/2 × VCC33
fEXTCLKIN
VIH33
VIH33
VIL33
VIL33
frEXTCLKIN
ffEXTCLKIN
Figure 2.4
EXTCLKIN external clock input timing
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 34 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com