Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 73Page - Renesas Technology Corp RZ/T2L Datasheet HTML 74Page - Renesas Technology Corp RZ/T2L Datasheet HTML 75Page - Renesas Technology Corp RZ/T2L Datasheet HTML 76Page - Renesas Technology Corp RZ/T2L Datasheet HTML 77Page - Renesas Technology Corp RZ/T2L Datasheet HTML 78Page - Renesas Technology Corp RZ/T2L Datasheet HTML 79Page - Renesas Technology Corp RZ/T2L Datasheet HTML 80Page - Renesas Technology Corp RZ/T2L Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
IIC_SCLn
(n = 0 to 2)
IIC_SDAn
(n = 0 to 2)
tSTOS
Test Conditions
VIH = VCC33 × 0.7,
VIL = VCC33 × 0.3,
VOL = 0.4 V (IOL = 4 mA)
tSP
P*1
Sr*1
S*1
P*1
tSDAS
tSTAS
tSDAH
tSr
tSf
tSCLL
tSCL
tSCLH
tSTAH
tBUF
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.63
IIC bus interface input/output timing
2.5.5.10
CANFD Timing
Table 2.34
CANFD timing
Parameter
Symbol
CAN
CANFD
Unit
Reference
figure
Min.
Max.
Min.
Max.
CANFD
Internal delay time
tnode
—
100
—
50
ns
Figure 2.64
Transmission rate
—
—
1
—
8
Mbps
Note:
Internal delay time (tnode) = Internal transmission delay time (toutput) + Internal reception delay time (tinput)
CAN controller
Internal transmission
delay time
(toutput)
Internal reception
delay time
(tinput)
CANTX1, CANTX0 pins
CANRX1, CANRX0 pins
Figure 2.64
CAN interface condition
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 77 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com