Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 70 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 66Page - Renesas Technology Corp RZ/T2L Datasheet HTML 67Page - Renesas Technology Corp RZ/T2L Datasheet HTML 68Page - Renesas Technology Corp RZ/T2L Datasheet HTML 69Page - Renesas Technology Corp RZ/T2L Datasheet HTML 70Page - Renesas Technology Corp RZ/T2L Datasheet HTML 71Page - Renesas Technology Corp RZ/T2L Datasheet HTML 72Page - Renesas Technology Corp RZ/T2L Datasheet HTML 73Page - Renesas Technology Corp RZ/T2L Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
Output stopping signal
from GPT*1
GPT PWM output pins
Outputs disabled
tPOEGDO
Note 1. GPTn.GTST.DTEF (dead time error flag), GPTn.GTST.OABLF (simultaneous low out flag), or GPTn.GTST.OABHF
(simultaneous high output flag)
Figure 2.51
Output disable time for POEG in response to detection of the output stopping signal from GPT
POEGmGn.SSF bit
(m = 0 to 2, n = A to D)
GPT PWM output pins
Outputs disabled
tPOEGDS
Figure 2.52
Output disable time for POEG in response to the register setting
GPT PWM output pins
Oscillation stop detection
signal (internal signal)
Main clock
Outputs disabled
tPOEGDOS
Figure 2.53
Output disable time for POEG in response to the oscillation stop detection
2.5.5.7
A/D Converter Trigger Timing
Table 2.31
A/D converter trigger timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
A/D converter
A/D converter trigger
input pulse width
ADTRG0#,
ADTRG1#
tTRGW
1.5
—
tPADCcyc
Figure 2.54
Note 1. tPADCcyc: PCLKADC cycle
PCLKADC
tTRGW
ADTRG0#
ADTRG1#
Figure 2.54
A/D converter trigger input timing (ADTRG0#, ADTRG1#)
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 70 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com