Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 82 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 78Page - Renesas Technology Corp RZ/T2L Datasheet HTML 79Page - Renesas Technology Corp RZ/T2L Datasheet HTML 80Page - Renesas Technology Corp RZ/T2L Datasheet HTML 81Page - Renesas Technology Corp RZ/T2L Datasheet HTML 82Page - Renesas Technology Corp RZ/T2L Datasheet HTML 83Page - Renesas Technology Corp RZ/T2L Datasheet HTML 84Page - Renesas Technology Corp RZ/T2L Datasheet HTML 85Page - Renesas Technology Corp RZ/T2L Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
SSLn0 input
RSPCKn (CPOL = 0)
input
RSPCKn (CPOL = 1)
input
MISOn
input
MOSIn
output
INVALID
DATA
1st DATA
LAST DATA
1st DATA
LAST DATA
1st DATA
tDr
tDf
tH
tSU
tOD
tTISOED1
tTISS
tTISH
tTIND
tTISOED2
Figure 2.71
SPI timing (Slave, TI-SSP, with delay in burst transfer)
SSL0n input
RSPCKn (CPOL = 0)
input
MOSIn
input
tTISS
tTISH
LAST DATA
LAST DATA
tTISSID
tTISOED1
INVALID
DATA
1st frame
1st DATA
2nd frame
tOD
tSU
tH
tOD
DATA
tDf
tDr
RSPCKn (CPOL = 1)
input
MOSIn
output
1st DATA
1st DATA
1st DATA
tH
tSU
Figure 2.72
SPI timing (Slave, TI-SSP, without delay in burst transfer)
2.5.5.12
xSPI Timing
Conditions:
Single end Clock
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
Data
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 82 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com