Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 35 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 31Page - Renesas Technology Corp RZ/T2L Datasheet HTML 32Page - Renesas Technology Corp RZ/T2L Datasheet HTML 33Page - Renesas Technology Corp RZ/T2L Datasheet HTML 34Page - Renesas Technology Corp RZ/T2L Datasheet HTML 35Page - Renesas Technology Corp RZ/T2L Datasheet HTML 36Page - Renesas Technology Corp RZ/T2L Datasheet HTML 37Page - Renesas Technology Corp RZ/T2L Datasheet HTML 38Page - Renesas Technology Corp RZ/T2L Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
2.5.1.4
EXTAL/XTAL Clock Timing
Table 2.18
EXTAL/XTAL clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTAL/XTAL clock frequency*1
fXTAL
—
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
Note:
When using an external oscillator, be sure to leave XTAL open-circuit and make sure that EXTAL is driven low.
Note 1. When using the EXTAL/XTAL clock (i.e. crystal resonator), ask the oscillator manufacturer to evaluate oscillation of the oscillator.
For the oscillation stabilization time, see the evaluation result provided by the oscillator manufacturer.
XTAL clock oscillator output
1/2 × VDD
1/2 × VDD
fXTAL
EXTAL clock oscillator input
VSS
VDD
The swing voltage range of EXTAL/XTAL should be from VSS to VDD.
Figure 2.5
EXTAL clock oscillator input and XTAL clock oscillator output timing
2.5.1.5
LOCO Clock Timing
Table 2.19
LOCO clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
LOCO clock cycle time
tLcyc
—
4.62
4.17
3.79
µs
LOCO clock oscillation frequency
tLOCO
—
216
240
264
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
—
—
—
40
µs
LOCOCR.LCSTP
Low-speed on-chip
oscillator output
LOCO clock
tLOCOWT
Figure 2.6
LOCO clock oscillation start timing
2.5.2
Reset, Interrupt, and Mode Timing
Table 2.20
Reset, interrupt, and mode timing (1 of 2)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
RES# pulse width
At power on
tdlyreset
Figure 2.7
10
—
—
ms
Other than above
tdlyreset2
1
—
—
ms
RES# rising time
trisereset
—
—
150
µs
TRST# pulse width
At power on
tdlyreset
10
—
—
ms
Other than above
tdlyreset2
1
—
—
ms
TRST# rising time
trisereset
—
—
150
µs
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 35 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com