Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T2L Datasheet(PDF) 97 Page - Renesas Technology Corp

No. de pieza RZ/T2L
Descripción Electrónicos  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2L Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RZ/T2L Datasheet HTML 93Page - Renesas Technology Corp RZ/T2L Datasheet HTML 94Page - Renesas Technology Corp RZ/T2L Datasheet HTML 95Page - Renesas Technology Corp RZ/T2L Datasheet HTML 96Page - Renesas Technology Corp RZ/T2L Datasheet HTML 97Page - Renesas Technology Corp RZ/T2L Datasheet HTML 98Page - Renesas Technology Corp RZ/T2L Datasheet HTML 99Page - Renesas Technology Corp RZ/T2L Datasheet HTML 100Page - Renesas Technology Corp RZ/T2L Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
Analog
signal
source
Ro
Co
Cin
Rs
Cs
DUT
ADC (equiv. circuit)
Ro, Co: Signal source impedance
Cin: Internal parasitic capacitance (package, I/O, etc.)
Rs, Cs: ADC equivalent circuit impedance (With sample-and-hold circuits: Rs = 1.5 kΩ and Cs = 4 pF.
Without sample-and-hold circuits: Rs = 0.75 kΩ and Cs = 3 pF. (Typical))
Figure 2.96
A/D converter equivalent circuit and peripheral configuration diagram
2.8
Temperature Sensor Characteristics
Table 2.46
Temperature sensor characteristics
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1
—
°C
*1
Temperature slope
—
0.0625
—
°C/LSB
—
Output code (at 25°C)
—
1545 (decimal)
—
—
TSUSAD register
Note 1. 2-point calibration (Tj = 25°C and Tj = 85°C) and 8 times averaging.
2.9
Debug Interface Timing
Condition: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5
Table 2.47
Debug interface timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TCK cycle time
With an ICE connected
tTCKcyc
30*1
—
ns
Figure 2.97
For use in BSCAN
80
—
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
TDI setup time
tTDIS
5
—
ns
Figure 2.98
Output load:
30 pF
TDI hold time
tTDIH
5
—
ns
TMS/SWDIO setup time
tTMSS
5
—
ns
TMS/SWDIO hold time
tTMSH
5
—
ns
SWDIO delay time
tSWDO
—
15
ns
TDO delay time
With an ICE connected
tTDOD
—
15
ns
For use in BSCAN
—
22
Capture register setup time
tCAPTS
5
—
ns
Figure 2.99
Capture register hold time
tCAPTH
5
—
ns
Update register delay time
tUPDATED
—
15
ns
RZ/T2L Datasheet
2. Electrical Characteristics
R01DS0409EJ0130 Rev.1.30
Feb 27, 2026
Page 97 of 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com