Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 353 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 349Page - Renesas Technology Corp H8S/2472 Datasheet HTML 350Page - Renesas Technology Corp H8S/2472 Datasheet HTML 351Page - Renesas Technology Corp H8S/2472 Datasheet HTML 352Page - Renesas Technology Corp H8S/2472 Datasheet HTML 353Page - Renesas Technology Corp H8S/2472 Datasheet HTML 354Page - Renesas Technology Corp H8S/2472 Datasheet HTML 355Page - Renesas Technology Corp H8S/2472 Datasheet HTML 356Page - Renesas Technology Corp H8S/2472 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 305 of 1198
REJ09B0403-0200
(2) Port 6 Data Register (P6DR)
P6DR stores output data for the port 6 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P67DR
0
R/W
6
P66DR
0
R/W
5
P65DR
0
R/W
4
P64DR
0
R/W
These bits store output data for the port 6 pins that
are used as the general output port.
If this register is read, the P6DR values are read for
the bits with the corresponding P6DDR bits set to 1.
For the bits with the corresponding P6DDR bits
cleared to 0, the pin states are read.
3
P63DR
0
R/W
2
P62DR
0
R/W
1
P61DR
0
R/W
0
P60DR
0
R/W
• Normal extended mode (16-bit data bus)
Since the corresponding pins function as
bidirectional data bus pins, the value in these bits
has no effect on operation.
If this register is read, the P6DR values are read
for the bits with the corresponding P6DDR bits set
to 1. For the bits with the corresponding P6DDR
bits cleared to 0, 1 is read.
• Other modes
These bits store output data for the port 6 pins
that are used as the general output port.
If this register is read, the P6DR values are read
for the bits with the corresponding P6DDR bits set
to 1. For the bits with the corresponding P6DDR
bits cleared to 0, the pin states are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com