Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 356 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 352Page - Renesas Technology Corp H8S/2472 Datasheet HTML 353Page - Renesas Technology Corp H8S/2472 Datasheet HTML 354Page - Renesas Technology Corp H8S/2472 Datasheet HTML 355Page - Renesas Technology Corp H8S/2472 Datasheet HTML 356Page - Renesas Technology Corp H8S/2472 Datasheet HTML 357Page - Renesas Technology Corp H8S/2472 Datasheet HTML 358Page - Renesas Technology Corp H8S/2472 Datasheet HTML 359Page - Renesas Technology Corp H8S/2472 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 308 of 1198
REJ09B0403-0200
• P65/ExIRQ10/RTS
The pin function is switched as shown below according to the combination of the
enable/disable setting of the SCIF and the P65DDR bit.
When the ISS10 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ10 input pin. To
use as the
ExIRQ10 input pin, clear the P65DDR bit to 0.
SCIF
Disabled
Enabled
P65DDR
0
1
X
P65 input pin
Pin function
IRQ10 input pin
P65 output pin
RTS output pin
[Legend] X: Don't care.
• P64/ExIRQ11/CTS
The pin function is switched as shown below according to the combination of the
enable/disable setting of the SCIF and the P64DDR bit.
When the ISS10 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ11 input pin. To
use as the
ExIRQ11 input pin, clear the P64DDR bit to 0.
SCIF
Disabled
Enabled
P64DDR
0
1
X
P64 input pin
Pin function
IRQ11 input pin
P64 output pin
CTS input pin
[Legend] X: Don't care.
• P63/PWX3
The pin function is switched as shown below according to the combination of the OEB bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the P63DDR bit.
P63DDR
0
1
X
PWMXS
0
1
0
1
0
OEB
0
X
0
X
1
Pin function
P63 input pin
P63 output pin
PWX3 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com