Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 357 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 353Page - Renesas Technology Corp H8S/2472 Datasheet HTML 354Page - Renesas Technology Corp H8S/2472 Datasheet HTML 355Page - Renesas Technology Corp H8S/2472 Datasheet HTML 356Page - Renesas Technology Corp H8S/2472 Datasheet HTML 357Page - Renesas Technology Corp H8S/2472 Datasheet HTML 358Page - Renesas Technology Corp H8S/2472 Datasheet HTML 359Page - Renesas Technology Corp H8S/2472 Datasheet HTML 360Page - Renesas Technology Corp H8S/2472 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 309 of 1198
REJ09B0403-0200
• P62/PWX2
The pin function is switched as shown below according to the combination of the OEA bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the P62DDR bit.
P62DDR
0
1
X
PWMXS
0
1
0
1
0
OEA
0
X
0
X
1
Pin function
P62 input pin
P62 output pin
PWX2 output pin
[Legend] X: Don't care.
• P61/IRQ15/PWX1
The pin function is switched as shown below according to the combination of the OEB bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_0 and the P61DDR bit. To use this pin as
the
IRQ15 input pin, clear the P61DDR bit to 0.
P61DDR
0
1
X
PWMXS
0
1
0
1
0
OEB
0
X
0
X
1
P61 input pin
Pin function
IRQ15 input pin
P61 output pin
PWX1 output pin
[Legend] X: Don't care.
• P60/IRQ14/PWX1
The pin function is switched as shown below according to the combination of the OEA bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_0 and the P60DDR bit. To use this pin as
the
IRQ14 input pin, clear the P60DDR bit to 0.
P60DDR
0
1
X
PWMXS
0
1
0
1
0
OEA
0
X
0
X
1
P60 input pin
Pin function
IRQ14 input pin
P60 output pin
PWX0 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com