Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 369 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 365Page - Renesas Technology Corp H8S/2472 Datasheet HTML 366Page - Renesas Technology Corp H8S/2472 Datasheet HTML 367Page - Renesas Technology Corp H8S/2472 Datasheet HTML 368Page - Renesas Technology Corp H8S/2472 Datasheet HTML 369Page - Renesas Technology Corp H8S/2472 Datasheet HTML 370Page - Renesas Technology Corp H8S/2472 Datasheet HTML 371Page - Renesas Technology Corp H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 321 of 1198
REJ09B0403-0200
(2) Port 9 Data Register (P9DR)
P9DR stores output data for the port 9 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P97DR
0
R/W
6
P96DR
0
R/W
5
P95DR
0
R/W
4
P94DR
0
R/W
3
P93DR
0
R/W
2
P92DR
0
R/W
1
P91DR
0
R/W
0
P90DR
0
R/W
P9DR stores output data for the port 9 pins that are
used as the general output port.
If this register is read, the P9DR values are read for
the bits with the corresponding P9DDR bits set to 1.
For the bits with the corresponding P9DDR bits
cleared to 0, the pin states are read.
(3) Pin Functions
The relationship between register setting values and pin functions are as follows.
• P97/WAIT/CS256
The pin function is switched as shown below according to the operating mode and the
combination of the CS256E bit in SYSCR, the WMS1 bit in WSCR and the P97DDR bit.
Operating
mode
Extended mode
Single-chip mode
WMS1
0
1
X
CS256E
0
1
X
X
P97DDR
0
1
X
X
0
1
Pin function
P97 input pin
P97 output
pin
CS256 output
pin
WAIT input
pin
P97 input pin P97 output
pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com