Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 370 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 366Page - Renesas Technology Corp H8S/2472 Datasheet HTML 367Page - Renesas Technology Corp H8S/2472 Datasheet HTML 368Page - Renesas Technology Corp H8S/2472 Datasheet HTML 369Page - Renesas Technology Corp H8S/2472 Datasheet HTML 370Page - Renesas Technology Corp H8S/2472 Datasheet HTML 371Page - Renesas Technology Corp H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 322 of 1198
REJ09B0403-0200
• P96
The pin function is switched as shown below according to the P96DDR bit.
P96DDR
0
1
Pin function
P96 input pin
P96 output pin
• P95/AS/IOS
The pin function is switched as shown below according to the operating mode and the
combination of the IOSE bit in SYSCR and the P95DDR bit.
Operating
mode
Extended mode
Single-chip mode
P95DDR
X
0
1
IOSE
0
1
X
X
Pin function
AS output pin
IOS output pin
P95 input pin
P95 output pin
[Legend] X: Don't care.
• P94/ExPWX1
The pin function is switched as shown below according to the combination of the OEB bit in
DACR and the PWMXS bit in PTCNT0 of the PWMX_0 module and the P94DDR bit.
P94DDR
0
1
X
PWMXS
0
1
0
1
1
OEB
X
0
X
0
1
Pin function
P94 input pin
P94 output pin
ExPWX1 output pin
[Legend] X: Don't care.
• P93/ExPWX0
The pin function is switched as shown below according to the combination of the OEA bit in
DACR and the PWMXS bit in PTCNT0 of the PWMX_0 module and the P93DDR bit.
P93DDR
0
1
X
PWMXS
0
1
0
1
1
OEA
X
0
X
0
1
Pin function
P93 input pin
P93 output pin
ExPWX0 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com