Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 373 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 369Page - Renesas Technology Corp H8S/2472 Datasheet HTML 370Page - Renesas Technology Corp H8S/2472 Datasheet HTML 371Page - Renesas Technology Corp H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp H8S/2472 Datasheet HTML 375Page - Renesas Technology Corp H8S/2472 Datasheet HTML 376Page - Renesas Technology Corp H8S/2472 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 325 of 1198
REJ09B0403-0200
(2) Port A Output Data Register (PAODR)
PAODR stores output data for the port A pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7ODR
0
R/W
6
PA6ODR
0
R/W
5
PA5ODR
0
R/W
4
PA4ODR
0
R/W
3
PA3ODR
0
R/W
2
PA2ODR
0
R/W
1
PA1ODR
0
R/W
0
PA0ODR
0
R/W
PAODR stores output data for the port A pins that are
used as the general output port.
(3) Port A Input Data Register (PAPIN)
PAPIN indicates the states of the port A pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7PIN
Undefined*
R
6
PA6PIN
Undefined*
R
5
PA5PIN
Undefined*
R
4
PA4PIN
Undefined*
R
3
PA3PIN
Undefined*
R
2
PA2PIN
Undefined*
R
1
PA1PIN
Undefined*
R
0
PA0PIN
Undefined*
R
Pin states are read from this register.
As the address of this register is the same as that of
PADDR, writing to this register changes the settings
of port A, that have been written to PADDR.
Note:
*
The initial values are determined in accordance with the pin states of PA7 to PA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com