Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 378 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp H8S/2472 Datasheet HTML 375Page - Renesas Technology Corp H8S/2472 Datasheet HTML 376Page - Renesas Technology Corp H8S/2472 Datasheet HTML 377Page - Renesas Technology Corp H8S/2472 Datasheet HTML 378Page - Renesas Technology Corp H8S/2472 Datasheet HTML 379Page - Renesas Technology Corp H8S/2472 Datasheet HTML 380Page - Renesas Technology Corp H8S/2472 Datasheet HTML 381Page - Renesas Technology Corp H8S/2472 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 330 of 1198
REJ09B0403-0200
• PA5/ExIRQ5/EVENT5/WOL
The pin function is switched as shown below according to the setting of the and the PA5DDR
bit.
Setting the ISS5 bit in ISSR makes the pin to function as the
ExIRQ5 input pin.
When using this pin as the
ExIRQ5 input, or EVENT5 input pin, clear the PA5DDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PA5DDR bit to 1 to use
the pin as the PA5 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the WOL output pin.
PA5DDR
0
1
PA5 input pin
Pin function
ExIRQ5 input pin/EVENT5 input pin
PA5 output pin
• PA4/ExIRQ4/EVENT4, PA3/ExIRQ3/EVENT3, PA2/ExIRQ2/EVENT2,
PA1/
ExIRQ1/EVENT1, PA0/ExIRQ0/EVENT0
The pin function is switched as shown below according to the PAnDDR bit.
Setting the ISSn bit in ISSR makes the pin to function as the
ExIRQn input pin.
When using this pin as the
ExIRQn input or EVENTn input pin, clear the PAnDDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PAnDDR bit to 1 to use
the pin as the PAn output pin.
PAnDDR
0
1
PAn input pin
Pin function
ExIRQn input pin/EVENTn input pin
PAn output pin
[Legend]
n = 4 to 0
(5) Input Pull-Up MOS
Port A has built-in input pull-up MOSs that can be controlled by software. This input pull-up
MOS can be used in any operating mode, and can be specified as on or off on a bit-by-bit basis.
PAnDDR
0
1
PAnODR
1
0
X
PAn pull-up MOS
ON
OFF
OFF
[Legend]
n = 7 to 0, X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com