Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 376 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp H8S/2472 Datasheet HTML 375Page - Renesas Technology Corp H8S/2472 Datasheet HTML 376Page - Renesas Technology Corp H8S/2472 Datasheet HTML 377Page - Renesas Technology Corp H8S/2472 Datasheet HTML 378Page - Renesas Technology Corp H8S/2472 Datasheet HTML 379Page - Renesas Technology Corp H8S/2472 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 328 of 1198
REJ09B0403-0200
• PA4/ExIRQ4/EVENT4/A20, PA3/ExIRQ3/EVENT3/A19, PA2/ExIRQ2/EVENT2/A18
The pin function is switched as shown below according to the setting of address 18 and the
PAnDDR bit.
Setting the ISSn bit in ISSR makes the pin to function as the ExIRQn input pin.
When using the pin as the ExIRQn input or an EVENT input pin, clear the PAnDDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PAnDDR bit to 1 when
using the pin as the PAn or Am output pin.
PAnDDR
0
1
1
Address 18
X
1
0
PAn input pin
Pin function
ExIRQn input pin/EVENTn input pin
PAn output pin
Am output pin
[Legend] n = 4 to 2, m = 20 to 18, X: Don't care.
• PA1/ExIRQ1/EVENT1/A17, PA0/ExIRQ0/EVENT0/A16
The pin function is switched as shown below according to the setting of address 13 and the
PAnDDR bit.
Setting the ISSn bit in ISSR makes the pin to function as the
ExIRQn input pin.
When using the pin as the
ExIRQn input, clear the PAnDDR bit to 0. When using the pin as an
EVENT input pin, clear the PAnDDR bit to 0. Though the settings for the EVENT input pin
have been made, set the PAnDDR bit to 1 when using the pin as the PAn or Am output pin.
PAnDDR
0
1
Address 13
X
1
0
PAn input pin
Pin function
ExIRQn input pin/EVENTn input pin
PAn output pin
Am output pin
[Legend]
n = 1, 0; m = 17, 16, X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com