Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 374 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 370Page - Renesas Technology Corp H8S/2472 Datasheet HTML 371Page - Renesas Technology Corp H8S/2472 Datasheet HTML 372Page - Renesas Technology Corp H8S/2472 Datasheet HTML 373Page - Renesas Technology Corp H8S/2472 Datasheet HTML 374Page - Renesas Technology Corp H8S/2472 Datasheet HTML 375Page - Renesas Technology Corp H8S/2472 Datasheet HTML 376Page - Renesas Technology Corp H8S/2472 Datasheet HTML 377Page - Renesas Technology Corp H8S/2472 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 326 of 1198
REJ09B0403-0200
(4) Pin Functions
The relationship between the operating mode, register setting values, and pin functions are as
follows.
(a) Normal Extended Mode
Port A pins can function as address output, interrupt input, event counter input, EtherC control
input/output, or I/O port pins, and input or output can be specified in bit units.
Address 18 and address 13 in the following tables are expressed by the following logical
expressions according to the control bits of the bus controller or other module.
Address 18 = 1:
ADFULLE
Address 13 = 1:
ADFULLE • CS256E • IOSE
• PA7/ExIRQ7/EVENT7/A23/EXOUT
The pin function is switched as shown below according to the setting of address 18 and the
PA7DDR bit.
Setting the ISS7 bit in ISSR makes the pin to function as the
ExIRQ7 input pin.
When using the pin as the
ExIRQ7 input or an EVENT input pin, clear the PA7DDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PA7DDR bit to 1 when
using the pin as the PA7 or A23 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the EXOUT output pin.
PA7DDR
0
1
1
Address 18
X
1
0
PA7 input pin
Pin function
ExIRQ7 input pin/EVENT7 input pin
PA7 output pin
A23 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com