Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 398 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 394Page - Renesas Technology Corp H8S/2472 Datasheet HTML 395Page - Renesas Technology Corp H8S/2472 Datasheet HTML 396Page - Renesas Technology Corp H8S/2472 Datasheet HTML 397Page - Renesas Technology Corp H8S/2472 Datasheet HTML 398Page - Renesas Technology Corp H8S/2472 Datasheet HTML 399Page - Renesas Technology Corp H8S/2472 Datasheet HTML 400Page - Renesas Technology Corp H8S/2472 Datasheet HTML 401Page - Renesas Technology Corp H8S/2472 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 350 of 1198
REJ09B0403-0200
(4) Pin Functions
Port E pins can also function as LPC input/output pins. The pin function is switched according to
whether the LPC module is enabled or disabled. The LPC is disabled when all of the bits LPC1E,
LPC2E, and LPC3E in HICR0 and SCIFE in HICR5 are cleared to 0.
• PE7/SERIRQ
The pin function is switched as shown below according to whether the LPC is enabled or
disabled and the PE7DDR bit.
LPC
Disabled
Enabled
PE7DDR
0
1
X
Pin function
PE7 input pin
PE7 output pin
SERIRQ input/output pin
[Legend]
X: Don't care.
• PE6/LCLK
The pin function is switched as shown below according to whether the LPC is enabled or
disabled and the PE6DDR bit.
LPC
Disabled
Enabled
PE6DDR
0
1
X
Pin function
PE6 input pin
PE6 output pin
LCLK input pin
[Legend]
X: Don't care.
• PE5/LRESET
The pin function is switched as shown below according to whether the LPC is enabled or
disabled and the PE5DDR bit.
LPC
Disabled
Enabled
PE5DDR
0
1
X
Pin function
PE5 input pin
PE5 output pin
LRESET input pin
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com