Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 402 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 398Page - Renesas Technology Corp H8S/2472 Datasheet HTML 399Page - Renesas Technology Corp H8S/2472 Datasheet HTML 400Page - Renesas Technology Corp H8S/2472 Datasheet HTML 401Page - Renesas Technology Corp H8S/2472 Datasheet HTML 402Page - Renesas Technology Corp H8S/2472 Datasheet HTML 403Page - Renesas Technology Corp H8S/2472 Datasheet HTML 404Page - Renesas Technology Corp H8S/2472 Datasheet HTML 405Page - Renesas Technology Corp H8S/2472 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 354 of 1198
REJ09B0403-0200
(2) Port F Output Data Register (PFODR)
PFODR stores output data for the port F pins. PEODR is initialized only by a system reset, and
retains the value even if an internal reset signal of the WDT is generated.
Bit
Bit Name
Initial Value
R/W
Description
7
Reserved
Undefined value is read from this bit.
6
PF6ODR
0
R/W
Stores the output data for the pin that is used as the
general output port.
5 to 2
Reserved
Undefined values are read from these bits.
1
PF1ODR
0
R/W
0
PF0ODR
0
R/W
Store the output data for the pins that are used as the
general output port.
(3) Port F Input Data Register (PFPIN)
PFPIN indicates the pin states of port F.
Bit
Bit Name
Initial Value
R/W
Description
7
Reserved
Undefined value is read from this bit.
6
PF6PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PFDDR, writing to this register writes data to PFDDR
and the port F setting is changed.
5 to 2
Reserved
Undefined values are read from these bits.
1
PF1PIN
Undefined*
R
0
PF0PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PFDDR, writing to this register writes data to PFDDR
and the port F setting is changed.
Note:
* The initial value of these pins is determined in accordance with the state of pins PF6,
PF1, and PF0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com