Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 404 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 400Page - Renesas Technology Corp H8S/2472 Datasheet HTML 401Page - Renesas Technology Corp H8S/2472 Datasheet HTML 402Page - Renesas Technology Corp H8S/2472 Datasheet HTML 403Page - Renesas Technology Corp H8S/2472 Datasheet HTML 404Page - Renesas Technology Corp H8S/2472 Datasheet HTML 405Page - Renesas Technology Corp H8S/2472 Datasheet HTML 406Page - Renesas Technology Corp H8S/2472 Datasheet HTML 407Page - Renesas Technology Corp H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 356 of 1198
REJ09B0403-0200
8.3
Change of Peripheral Function Pins
The pin function assignments for the external interrupt inputs and 14-bit PWM timer outputs can
be changed between multiplexed I/O ports.
I/O port pins for external interrupt inputs are changed by the setting of ISSR16 and ISSR. I/O port
pins for 14-bit PWM timer outputs are changed by the setting of PTCNT0. A pin name of the
peripheral function after the assignment has been changed is indicated by adding ‘Ex’ at the head
of the original pin name. In each peripheral function description, the original pin name is used.
8.3.1
IRQ Sense Port Select Register 16 (ISSR16), IRQ Sense Port Select Register (ISSR)
ISSR16 and ISSR select pins for the
IRQ15 to IRQ0 inputs.
• ISSR16
Bit
Bit Name
Initial Value
R/W
Description
15
ISS15
0
R/W
0: P61/
IRQ15 is selected
1: P87/
ExIRQ15 is selected
14
ISS14
0
R/W
0: P60/
IRQ14 is selected
1: P86/
ExIRQ14 is selected
13
ISS13
0
R/W
0: P55/
IRQ13 is selected
1: P85/
ExIRQ13 is selected
12
ISS12
0
R/W
0: P54/
IRQ12 is selected
1: P84/
ExIRQ12 is selected
11
ISS11
0
R/W
0: P53/
IRQ11 is selected
1: P64/
ExIRQ11 is selected
10
ISS10
0
R/W
0: P52/
IRQ10 is selected
1: P65/
ExIRQ10 is selected
9
ISS9
0
R/W
0: P51/
IRQ9 is selected
1: P66/
ExIRQ9 is selected
8
ISS8
0
R/W
0: P50/
IRQ8 is selected
1: P67/
ExIRQ8 is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com