Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 406 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 402Page - Renesas Technology Corp H8S/2472 Datasheet HTML 403Page - Renesas Technology Corp H8S/2472 Datasheet HTML 404Page - Renesas Technology Corp H8S/2472 Datasheet HTML 405Page - Renesas Technology Corp H8S/2472 Datasheet HTML 406Page - Renesas Technology Corp H8S/2472 Datasheet HTML 407Page - Renesas Technology Corp H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 358 of 1198
REJ09B0403-0200
8.3.2
Port Control Register 0 (PTCNT0)
PTCNT0 selects pins for 14-bit PWM timer outputs and the control mode for external extension.
Bit
Bit Name
Initial Value
R/W
Description
7
SCPFSEL1
0
R/W
Controls the internal connection of TxD1 and RxD1
with the SCI_1 as the smart card interface.
0: TxD1 and RxD1 are not internally connected.
1: TxD1 and RxD1 are internally connected.
6
SCPFSEL3
0
R/W
Controls the internal connection of TxD3 and RxD3
with the SCI_3 as the smart card interface.
0: TxD3 and RxD3 are not internally connected.
1: TxD3 and RxD3 are internally connected.
5, 4
All 0
R/W
Reserved
The initial value should not be changed.
3
PWMXS
0
R/W
Selects pins for 14-bit PWM timer outputs.
0: P60/PWX0, P61/PWX1, P62/PWX2, P63/PWX3
are selected
1: P93/ExPWX0, P94/ExPWX1, PF6/ExPWX2,
PF3/ExPWX3* are selected
2
0
R/W
Reserved
The initial value should not be changed.
1
OBE
0
R/W
Selects glueless extension.
0: Control by
RD, HWR, LWR
1: Control by
RD, WR, HBE, LBE
(glueless extension)
0
0
R/W
Reserved
The initial value should not be changed.
Note: * The PF3/EXPWX3 pin is available only in the H8S/2472 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com