Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 419 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp H8S/2472 Datasheet HTML 417Page - Renesas Technology Corp H8S/2472 Datasheet HTML 418Page - Renesas Technology Corp H8S/2472 Datasheet HTML 419Page - Renesas Technology Corp H8S/2472 Datasheet HTML 420Page - Renesas Technology Corp H8S/2472 Datasheet HTML 421Page - Renesas Technology Corp H8S/2472 Datasheet HTML 422Page - Renesas Technology Corp H8S/2472 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 371 of 1198
REJ09B0403-0200
tf1
tf2
tf255
tf256
tH1
tH2
tH3
tH255
tH256
1 conversion cycle
tf1 = tf2 = tf3 = ··· = tf255 = tf256 = T× 64
tH1 + tH2 + tH3 + ··· + tH255 + tH256 = TH
tf1
tf2
tf63
tf64
tH1
tH2
tH3
tH63
tH64
1 conversion cycle
tf1 = tf2 = tf3 = ··· = tf63 = tf64 = T× 256
tH1 + tH2 + tH3 + ··· + tH63 + tH64 = TH
a. CFS = 0 [base cycle = resolution (T)
× 64]
b. CFS = 1 [base cycle = resolution (T)
× 256]
Figure 9.4 Output Waveform (OS = 1, DADR corresponds to T
H)
An example of the additional pulses when CFS = 1 (base cycle = resolution (T)
× 256) and OS = 1
(inverted PWM output) is described below. When CFS = 1, the upper eight bits (DA13 to DA6) in
DADR determine the duty cycle of the base pulse while the subsequent six bits (DA5 to DA0)
determine the locations of the additional pulses as shown in figure 9.5.
Table 9.4 lists the locations of the additional pulses.
DA13 DA12 DA11 DA10 DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
CFS
11
Duty cycle of base pulse
Location of additional pulses
Figure 9.5 D/A Data Register Configuration when CFS = 1
In this example, DADR = H'0207 (B'0000 0010 0000 0111). The output waveform is shown in
figure 9.6. Since CFS = 1 and the value of the upper eight bits is B'0000 0010, the high width of
the base pulse duty cycle is 2/256
× (T).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com