Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 430 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 426Page - Renesas Technology Corp H8S/2472 Datasheet HTML 427Page - Renesas Technology Corp H8S/2472 Datasheet HTML 428Page - Renesas Technology Corp H8S/2472 Datasheet HTML 429Page - Renesas Technology Corp H8S/2472 Datasheet HTML 430Page - Renesas Technology Corp H8S/2472 Datasheet HTML 431Page - Renesas Technology Corp H8S/2472 Datasheet HTML 432Page - Renesas Technology Corp H8S/2472 Datasheet HTML 433Page - Renesas Technology Corp H8S/2472 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 382 of 1198
REJ09B0403-0200
10.2.7
Timer Output Compare Control Register (TOCR)
TOCR enables output from the output compare pins, selects the output levels, switches access
between output compare registers A and B, and controls the OCRA operating modes.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0 and cannot be modified.
6
OCRAMS
0
R/W
Output Compare A Mode Select
Specifies whether OCRA is used in the normal operating
mode or in the operating mode using OCRAR and
OCRAF.
0: The normal operating mode is specified for OCRA
1: The operating mode using OCRAR and OCRAF is
specified for OCRA
5
ICRS
0
R/W
Input Capture Register Select
Controls the access to OCRAR and OCRAF.
0: Access is disabled
1: Access is enabled
4
OCRS
0
R/W
Output Compare Register Select
OCRA and OCRB share the same address. When this
address is accessed, the OCRS bit selects which register
is accessed. The operation of OCRA or OCRB is not
affected.
0: OCRA is selected
1: OCRB is selected
3 to 0
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com