Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 432 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 428Page - Renesas Technology Corp H8S/2472 Datasheet HTML 429Page - Renesas Technology Corp H8S/2472 Datasheet HTML 430Page - Renesas Technology Corp H8S/2472 Datasheet HTML 431Page - Renesas Technology Corp H8S/2472 Datasheet HTML 432Page - Renesas Technology Corp H8S/2472 Datasheet HTML 433Page - Renesas Technology Corp H8S/2472 Datasheet HTML 434Page - Renesas Technology Corp H8S/2472 Datasheet HTML 435Page - Renesas Technology Corp H8S/2472 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 384 of 1198
REJ09B0403-0200
10.3.3
FRC Clear Timing
FRC can be cleared when compare-match A occurs. Figure 10.4 shows the timing of this
operation.
φ
FRC
N
H'0000
Compare-match
A signal
Figure 10.4 Clearing of FRC by Compare-Match A Signal
10.3.4
Timing of Output Compare Flag (OCF) Setting
The output compare flag, OCFA or OCFB, is set to 1 by a compare-match signal generated when
the FRC value matches the OCRA or OCRB value. This compare-match signal is generated at the
last state in which the two values match, just before FRC increments to a new value. When the
FRC and OCRA or OCRB value match, the compare-match signal is not generated until the next
cycle of the clock source. Figure 10.5 shows the timing of setting the OCFA or OCFB flag.
Compare-match
signal
OCFA, OCFB
OCRA, OCRB
N
FRC
N
N + 1
φ
Figure 10.5 Timing of Output Compare Flag (OCFA or OCFB) Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com